Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTD12N10T4 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NTD12N10T4
Description  Power MOSFET 12 Amps, 100 Volts N?묬hannel Enhancement?묺ode DPAK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD12N10T4 Datasheet(HTML) 6 Page - ON Semiconductor

  NTD12N10T4 Datasheet HTML 1Page - ON Semiconductor NTD12N10T4 Datasheet HTML 2Page - ON Semiconductor NTD12N10T4 Datasheet HTML 3Page - ON Semiconductor NTD12N10T4 Datasheet HTML 4Page - ON Semiconductor NTD12N10T4 Datasheet HTML 5Page - ON Semiconductor NTD12N10T4 Datasheet HTML 6Page - ON Semiconductor NTD12N10T4 Datasheet HTML 7Page - ON Semiconductor NTD12N10T4 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NTD12N10
http://onsemi.com
6
SAFE OPERATING AREA
TJ, STARTING JUNCTION TEMPERATURE (°C)
0.1
1
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
1
100
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
0.1
0
25
50
75
100
125
40
ID = 12 A
10
10
175
20
60
80
100
VGS = 20 V
SINGLE PULSE
TC = 25°C
1 ms
100
ms
10 ms
dc
10
ms
t, TIME (s)
0.1
1.0
0.01
0.1
0.2
0.02
D = 0.5
0.05
0.01
SINGLE PULSE
RqJC(t) = r(t) RqJC
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) − TC = P(pk) RqJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
110
0.1
0.01
0.001
0.0001
0.00001
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
Figure 12. Maximum Avalanche Energy versus
Starting Junction Temperature
Figure 13. Thermal Response
di/dt
trr
ta
tp
IS
0.25 IS
TIME
IS
tb
Figure 14. Diode Reverse Recovery Waveform
150


Similar Part No. - NTD12N10T4

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NTD12N10T4G VBSEMI-NTD12N10T4G Datasheet
1,010Kb / 7P
   N-Channel 100 V (D-S) MOSFET
More results

Similar Description - NTD12N10T4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB30N20 ONSEMI-NTB30N20 Datasheet
85Kb / 8P
   Power MOSFET 30 Amps, 200 Volts N?묬hannel Enhancement?묺ode D2PAK
April, 2004 ??Rev. 3
NTMS10P02R2 ONSEMI-NTMS10P02R2_06 Datasheet
180Kb / 6P
   Power MOSFET ??0 Amps, ??0 Volts P?묬hannel Enhancement?묺ode
March, 2006 ??Rev. 3
NTMS4N01R2 ONSEMI-NTMS4N01R2 Datasheet
83Kb / 6P
   Power MOSFET 4.2 Amps, 20 Volts N?묬hannel Enhancement?묺ode Single SO?? Package
January, 2006 ??Rev. 3
NTDV20N06T4G ONSEMI-NTDV20N06T4G Datasheet
162Kb / 7P
   Power MOSFET 20 Amps, 60 Volts, N?묬hannel DPAK
August, 2011 ??Rev. 8
NTD20N06-001 ONSEMI-NTD20N06-001 Datasheet
162Kb / 7P
   Power MOSFET 20 Amps, 60 Volts, N?묬hannel DPAK
August, 2011 ??Rev. 8
MTD6N20E ONSEMI-MTD6N20E Datasheet
90Kb / 9P
   Power MOSFET 6 Amps, 200 Volts N?묬hannel DPAK
August, 2005 ??Rev. 3
MTD20N06HD ONSEMI-MTD20N06HD Datasheet
293Kb / 11P
   Power MOSFET 20 Amps, 60 Volts N?묬hannel DPAK
August, 2006 ??Rev. 5
NTD95N02R ONSEMI-NTD95N02R Datasheet
71Kb / 6P
   Power MOSFET 95 Amps, 24 Volts N?묬hannel DPAK
July, 2006 ??Rev. 3
NTD14N03R ONSEMI-NTD14N03R Datasheet
65Kb / 6P
   Power MOSFET 14 Amps, 25 Volts N?묬hannel DPAK
October, 2003 ??Rev. 3
NTD3055L104-001 ONSEMI-NTD3055L104-001 Datasheet
126Kb / 8P
   12 Amps, 60 Volts, Logic Level N?묬hannel DPAK
June, 2008 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com