Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC1G66-Q100 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74HC1G66-Q100
Description  Single-pole single-throw analog switch
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC1G66-Q100 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74HC1G66-Q100 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC_HCT1G66_Q100
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 16 September 2013
4 of 19
Nexperia
74HC1G66-Q100; 74HCT1G66-Q100
Single-pole single-throw analog switch
10. Static characteristics
Table 7.
Static characteristics
Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
74HC1G66-Q100
VIH
HIGH-level input
voltage
VCC = 2.0 V
1.5
1.2
-
1.5
-
V
VCC = 4.5 V
3.15
2.4
-
3.15
-
V
VCC = 6.0 V
4.2
3.2
-
4.2
-
V
VCC = 9.0 V
6.3
4.7
-
6.3
-
V
VIL
LOW-level input
voltage
VCC = 2.0 V
-
0.8
0.5
-
0.5
V
VCC = 4.5 V
-
2.1
1.35
-
1.35
V
VCC = 6.0 V
-
2.8
1.8
-
1.8
V
VCC = 9.0 V
-
4.3
2.7
-
2.7
V
II
input leakage
current
E; VI =VCC or GND
VCC = 6.0 V
-
0.1
1.0
-
1.0
A
VCC = 10.0 V
-
0.2
2.0
-
2.0
A
IS(OFF)
OFF-state leakage
current
Y or Z; VCC = 10 V; see Figure 4
-0.1
1.0
-
1.0
A
IS(ON)
ON-state leakage
current
Y or Z; VCC = 10 V; see Figure 5
-0.1
1.0
-
1.0
A
ICC
supply current
E, Y or Z; VI =VCC or GND;
VSW =GND or VCC
VCC = 6.0 V
-
1.0
10
-
20
A
VCC = 10.0 V
-
2.0
20
-
40
A
CI
input capacitance
-
1.5
-
-
-
pF
CS(ON)
ON-state
capacitance
-8-
-
-
pF


Similar Part No. - 74HC1G66-Q100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC1G66 PHILIPS-74HC1G66 Datasheet
102Kb / 20P
   Bilateral switch
2002 May 15
74HC1G66 NXP-74HC1G66 Datasheet
115Kb / 18P
   Single-pole single-throw analog switch
Rev. 04-19 December 2008
logo
Nexperia B.V. All right...
74HC1G66 NEXPERIA-74HC1G66 Datasheet
269Kb / 17P
   Single-pole single-throw analog switch
Rev. 5 - 27 January 2022
logo
NXP Semiconductors
74HC1G66GV PHILIPS-74HC1G66GV Datasheet
102Kb / 20P
   Bilateral switch
2002 May 15
74HC1G66GV NXP-74HC1G66GV Datasheet
115Kb / 18P
   Single-pole single-throw analog switch
Rev. 04-19 December 2008
More results

Similar Description - 74HC1G66-Q100

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AHC1G66-Q100 NEXPERIA-74AHC1G66-Q100 Datasheet
811Kb / 18P
   Single-pole single-throw analog switch
74AHCT1G66 NEXPERIA-74AHCT1G66 Datasheet
263Kb / 16P
   Single-pole single-throw analog switch
Rev. 5 - 11 January 2022
74HC1G66 NEXPERIA-74HC1G66 Datasheet
269Kb / 17P
   Single-pole single-throw analog switch
Rev. 5 - 27 January 2022
logo
NXP Semiconductors
74HC_HCT1G66 PHILIPS-74HC_HCT1G66_15 Datasheet
115Kb / 18P
   Single-pole single-throw analog switch
Rev. 04-19 December 2008
74AHC1G66 NXP-74AHC1G66 Datasheet
113Kb / 17P
   Single-pole single-throw analog switch
Rev. 04-18 December 2008
logo
Nexperia B.V. All right...
74AHCAHC1G66-Q100 NEXPERIA-74AHCAHC1G66-Q100 Datasheet
262Kb / 16P
   Single-pole single-throw analog switch
Rev. 2 - 11 January 2022
logo
NXP Semiconductors
74HC1G66 NXP-74HC1G66 Datasheet
115Kb / 18P
   Single-pole single-throw analog switch
Rev. 04-19 December 2008
74AHC_AHCT1G66 PHILIPS-74AHC_AHCT1G66_15 Datasheet
113Kb / 17P
   Single-pole single-throw analog switch
Rev. 04-18 December 2008
HEF4066B NXP-HEF4066B Datasheet
127Kb / 16P
   Quad single-pole single-throw analog switch
Rev. 7-16 November 2011
logo
Nexperia B.V. All right...
74HCT4066 NEXPERIA-74HCT4066 Datasheet
316Kb / 21P
   Quad single-pole single-throw analog switch
Rev. 10 - 8 June 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com