Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V362310PF Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT72V362310PF
Description  3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING 256 x 36, 512 x 36, 1,024 x 36
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V362310PF Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT72V362310PF Datasheet HTML 4Page - Integrated Device Technology IDT72V362310PF Datasheet HTML 5Page - Integrated Device Technology IDT72V362310PF Datasheet HTML 6Page - Integrated Device Technology IDT72V362310PF Datasheet HTML 7Page - Integrated Device Technology IDT72V362310PF Datasheet HTML 8Page - Integrated Device Technology IDT72V362310PF Datasheet HTML 9Page - Integrated Device Technology IDT72V362310PF Datasheet HTML 10Page - Integrated Device Technology IDT72V362310PF Datasheet HTML 11Page - Integrated Device Technology IDT72V362310PF Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
8
IDT72V3623/72V3633/72V3643 CMOS 3.3V SyncBiFIFOTM WITH BUS-MATCHING
256 x 36, 512 x 36, 1,024 x 36
COMMERCIAL TEMPERATURERANGE
IDT72V3623L10(1) IDT72V3623L15
IDT72V3633L10(1) IDT72V3633L15
IDT72V3643L10(1) IDT72V3643L15
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
fS
Clock Frequency, CLKA or CLKB
100
66.7
MHz
tCLK
Clock Cycle Time, CLKA or CLKB
10
15
ns
tCLKH
Pulse Duration, CLKA or CLKB HIGH
4.5
6
ns
tCLKL
Pulse Duration, CLKA and CLKB LOW
4.5
6
ns
tDS
Setup Time, A0-A35 before CLKA
↑ and B0-B35 before CLKB↑
3—
4
ns
tENS1
Setup Time,
CSA, before CLKA
↑; CSB,beforeCLKB↑
4
4.5
ns
tENS2
Setup Time, ENA, W/
RA and MBA before CLKA
↑; ENB, W/RB and MBB
3
4.5
ns
before CLKB
tRSTS
Setup Time,
RS1 or PRS LOW before CLKA
↑ or CLKB↑(2)
5—
5
ns
tFSS
Setup Time, FS0 and FS1 before
RS1 HIGH
7.5
7.5
ns
tBES
Setup Time, BE/
FWFT before RS1 HIGH
7.5
7.5
ns
tSPMS
Setup Time,
SPM before RS1 HIGH
7.5
7.5
ns
tSDS
Setup Time, FS0/SD before CLKA
3—
4
ns
tSENS
Setup Time, FS1/
SEN before CLKA
3—
4
ns
tFWS
Setup Time, FWFT before CLKA
0—
0
ns
tDH
Hold Time, A0-A35 after CLKA
↑and B0-B35 after CLKB↑
0.5
1
ns
tENH
Hold Time,
CSA, W/RA, ENA, and MBA after CLKA
↑; CSB, W/RB, ENB, and
0.5
1
ns
MBB after CLKB
tRSTH
Hold Time,
RS1 or PRS LOW after CLKA
↑ or CLKB↑(2)
4—
4
ns
tFSH
Hold Time, FS0 and FS1 after
RS1 HIGH
2
2
ns
tBEH
Hold Time, BE/
FWFT after RS1 HIGH
2
2
ns
tSPMH
Hold Time,
SPM after RS1 HIGH
2
2
ns
tSDH
Hold Time, FS0/SD after CLKA
0.5
1
ns
tSENH
Hold Time, FS1/
SEN HIGH after CLKA
0.5
1
ns
tSPH
Hold Time, FS1/
SEN HIGH after RS1 HIGH
2
2
ns
tSKEW1(3)
Skew Time between CLKA
↑ and CLKB↑ for EF/OR and FF/IR
7.5
7.5
ns
tSKEW2(3,4)
Skew Time between CLKA
↑ and CLKB↑ for AE and AF
12
12
ns
NOTES:
1. For 10ns speed grade only: Vcc = 3.3V +/-0.15V, TA = 0
° to +70°C; JEDEC JESD8-A compliant.
2. Requirement to count the clock edge as one of at least four needed to reset a FIFO.
3. Skew time is not a timing constraint for proper device operation and is only included to illustrate the timing relationship between CLKA cycle and CLKB cycle.
4. Design simulated, not tested.
5. Industrial temperature range is available by special order.
TIMING REQUIREMENTS OVER RECOMMENDED RANGES O. SUPPLY
VOLTAGE AND OPERATING .REE-AIR TEMPERATURE
Commercial: Vcc=3.3V± 0.30V; for 10ns (100 MHz) operation, Vcc=3.3V ±0.15V; TA = 0
°C to +70°C; JEDEC JESD8-A compliant


Similar Part No. - IDT72V362310PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3623 IDT-IDT72V3623 Datasheet
213Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH
logo
Renesas Technology Corp
IDT72V3623 RENESAS-IDT72V3623 Datasheet
365Kb / 29P
   3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING 256 x 36 1,024 x 36
MARCH 2018
logo
Integrated Device Techn...
IDT72V3623 IDT-IDT72V3623_15 Datasheet
213Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH
More results

Similar Description - IDT72V362310PF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT723623 RENESAS-IDT723623 Datasheet
377Kb / 29P
   CMOS BUS-MATCHING SyncFIFO TM 256 x 36, 512 x 36, 1,024 x 36
MARCH 2018
logo
Integrated Device Techn...
IDT72V3626 IDT-IDT72V3626 Datasheet
329Kb / 36P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT72V3623 RENESAS-IDT72V3623 Datasheet
365Kb / 29P
   3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING 256 x 36 1,024 x 36
MARCH 2018
logo
Jinan Gude Electronic D...
IDT723623 JGD-IDT723623 Datasheet
286Kb / 28P
   CMOS BUS-MATCHING SyncFIFOTM 256 x 36, 512 x 36, 1,024 x 36
logo
Integrated Device Techn...
IDT72V3624 IDT-IDT72V3624 Datasheet
362Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT72V3624 RENESAS-IDT72V3624 Datasheet
446Kb / 35P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 256 x 36 x 2 1,024 x 36 x 2
MARCH 2018
IDT72V3626 RENESAS-IDT72V3626 Datasheet
742Kb / 37P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2009
72V3631 RENESAS-72V3631 Datasheet
450Kb / 21P
   3.3 VOLT CMOS SyncFIFOTM 512 x 36 1,024 x 36
Oct.29.21
IDT723631 RENESAS-IDT723631 Datasheet
528Kb / 21P
   CMOS SyncFIFO™512 x 36 1,024 x 36 2,048 x 36
MARCH 2014
logo
Integrated Device Techn...
IDT72V3622 IDT-IDT72V3622 Datasheet
217Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com