Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IN74AC14 Datasheet(PDF) 3 Page - Integral Corp.

Part No. IN74AC14
Description  Hex Schmitt-Trigger Inverter High-Speed Silicon-Gate CMOS
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTEGRAL [Integral Corp.]
Homepage  http://www.iksemi.com/
Logo 

IN74AC14 Datasheet(HTML) 3 Page - Integral Corp.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
IN74AC14
53
DC ELECTRICAL CHARACTERISTICS(Voltages Referenced to GND)
VCC
Guaranteed Limits
Symbol
Parameter
Test Conditions
V
25
°C-40°C to
85
°C
Unit
VOH
Minimum High-Level
Output Voltage
IOUT ≤ -50 µA
3.0
4.5
5.5
2.9
4.4
5.4
2.9
4.4
5.4
V
*V
IN ≤ VT - min
IOH=-12 mA
IOH=-24 mA
IOH=-24 mA
3.0
4.5
5.5
2.56
3.86
4.86
2.46
3.76
4.76
VOL
Maximum Low-Level
Output Voltage
IOUT ≤ 50 µA
3.0
4.5
5.5
0.1
0.1
0.1
0.1
0.1
0.1
V
*V
IN=≥ VT +max
IOL=12 mA
IOL=24 mA
IOL=24 mA
3.0
4.5
5.5
0.36
0.36
0.36
0.44
0.44
0.44
VT +max
Maximum Positive-
Going Input Threshold
Voltage
VOUT =0.1 V
TA = Worst Case
3.0
4.5
5.5
2.2
3.2
3.9
V
VT - min
Minimum Negative-
Going Input Threshold
Voltage
VOUT = VCC - 0.1 V
TA = Worst Case
3.0
4.5
5.5
0.5
0.9
1.1
V
VH max
Maximum Hysteresis
Voltage
VOUT =0.1 V or VCC - 0.1 V
TA = Worst Case
3.0
4.5
5.5
1.2
1.4
1.6
V
VH min
Minimum Hysteresis
Voltage
VOUT =0.1 V or VCC - 0.1 V
TA = Worst Case
3.0
4.5
5.5
0.3
0.4
0.5
V
IIN
Maximum Input
Leakage Current
VIN=VCC or GND
5.5
±0.1
±1.0
µA
IOLD
+Minimum Dynamic
Output Current
VOLD=1.65 V Max
5.5
75
mA
IOHD
+Minimum Dynamic
Output Current
VOHD=3.85 V Min
5.5
-75
mA
ICC
Maximum Quiescent
Supply Current
(per Package)
VIN=VCC or GND
5.5
4.0
40
µA
* All outputs loaded; thresholds on input associated with output under test.
+Maximum test duration 2.0 ms, one output loaded at a time.
Notes:1. IIN and ICC @ 3.0 V are guaranteed to be less than or equal to the respective limit @ 5.5 V VCC
2. VH=(VT+)-(VT-)
.


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn