Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V3623 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT72V3623
Description  3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING 256 x 36, 512 x 36, 1,024 x 36
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V3623 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT72V3623 Datasheet HTML 2Page - Integrated Device Technology IDT72V3623 Datasheet HTML 3Page - Integrated Device Technology IDT72V3623 Datasheet HTML 4Page - Integrated Device Technology IDT72V3623 Datasheet HTML 5Page - Integrated Device Technology IDT72V3623 Datasheet HTML 6Page - Integrated Device Technology IDT72V3623 Datasheet HTML 7Page - Integrated Device Technology IDT72V3623 Datasheet HTML 8Page - Integrated Device Technology IDT72V3623 Datasheet HTML 9Page - Integrated Device Technology IDT72V3623 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
IDT72V3623/72V3633/72V3643 CMOS 3.3V SyncBiFIFOTM WITH BUS-MATCHING
256 x 36, 512 x 36, 1,024 x 36
COMMERCIAL TEMPERATURERANGE
ABSOLUTE MAXIMUM RATINGS OVER OPERATING .REE-AIR
TEMPERATURE RANGE (Unless otherwise noted)(1)
Symbol
Rating
Commercial
Unit
VCC
Supply Voltage Range
–0.5 to +4.6
V
VI(2)
InputVoltageRange
–0.5 to VCC+0.5
V
VO(2)
OutputVoltageRange
–0.5 to VCC+0.5
V
IIK
Input Clamp Current (VI < 0 or VI > VCC)
±20
mA
IOK
Output Clamp Current (VO = < 0 or VO > VCC)
±50
mA
IOUT
Continuous Output Current (VO = 0 to VCC)
±50
mA
ICC
Continuous Current Through VCC or GND
±400
mA
TSTG
StorageTemperatureRange
–65 to 150
°C
NOTES:
1. Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these
or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect
device reliability.
2. The input and output voltage ratings may be exceeded provided the input and output current ratings are observed.
NOTES:
1. For 10ns speed grade only: Vcc = 3.3V +/-0.15V; TA = 0
° to +70°C; JEDEC JESD8-A compliant.
2. All typical values are at VCC = 3.3V, TA = 25
°C.
3. For additional ICC information, see Figure 1, Typical Characteristics: Supply Current (ICC) vs. Clock Frequency (fS).
4. Characterized values, not currently tested.
5. Industrial temperature range is available by special order.
ELECTRICAL CHARACTERISTICS OVER RECOMMENDED OPERATING
.REE-AIR TEMPERATURE RANGE (Unless otherwise noted)
IDT72V3623
IDT72V3633
IDT72V3643
Commercial
tCLK = 10(1), 15ns
Symbol
Parameter
Test Conditions
Min.
Typ.(2)
Max.
Unit
VOH
Output Logic "1" Voltage
VCC = 3.0V,
IOH = –4 mA
2.4
V
VOL
Output Logic "0" Voltage
VCC = 3.0V,
IOL = 8 mA
0.5
V
ILI
Input Leakage Current (Any Input)
VCC = 3.6V,
VI = VCC or 0
±10
µ A
ILO
OutputLeakageCurrent
VCC = 3.6V,
VO = VCC or 0
±10
µ A
ICC2(3)
Standby Current (with CLKA and CLKB running)
VCC = 3.6V,
VI = VCC - 0.2V or 0
5
mA
ICC3(3)
Standby Current (no clocks running)
VCC = 3.6V,
VI = VCC - 0.2V or 0
1
mA
CIN(4)
InputCapacitance
VI = 0,
f = 1 MHz
4
pF
COUT(4)
OutputCapacitance
VO = 0,
f = 1 MHZ
8
pF
NOTE:
1. For 10ns (100 MHz operation), VCC = 3.3V +/-0.15V;TA = 0
° to +70°C; JEDEC JESD8-A compliant.
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC(1)
Supply Voltage
3.0
3.3
3.6
V
VIH
High-Level Input Voltage
2
VCC+0.5
V
VIL
Low-Level Input Voltage
0.8
V
IOH
High-Level Output Current
–4
mA
IOL
Low-Level Output Current
8
mA
TA
OperatingTemperature
0
70
°C
RECOMMENDED OPERATING CONDITIONS


Similar Part No. - IDT72V3623

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3623 IDT-IDT72V3623 Datasheet
213Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH
logo
Renesas Technology Corp
IDT72V3623 RENESAS-IDT72V3623 Datasheet
365Kb / 29P
   3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING 256 x 36 1,024 x 36
MARCH 2018
logo
Integrated Device Techn...
IDT72V3623 IDT-IDT72V3623_15 Datasheet
213Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH
More results

Similar Description - IDT72V3623

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT723623 RENESAS-IDT723623 Datasheet
377Kb / 29P
   CMOS BUS-MATCHING SyncFIFO TM 256 x 36, 512 x 36, 1,024 x 36
MARCH 2018
logo
Integrated Device Techn...
IDT72V3626 IDT-IDT72V3626 Datasheet
329Kb / 36P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT72V3623 RENESAS-IDT72V3623 Datasheet
365Kb / 29P
   3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING 256 x 36 1,024 x 36
MARCH 2018
logo
Jinan Gude Electronic D...
IDT723623 JGD-IDT723623 Datasheet
286Kb / 28P
   CMOS BUS-MATCHING SyncFIFOTM 256 x 36, 512 x 36, 1,024 x 36
logo
Integrated Device Techn...
IDT72V3624 IDT-IDT72V3624 Datasheet
362Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT72V3624 RENESAS-IDT72V3624 Datasheet
446Kb / 35P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 256 x 36 x 2 1,024 x 36 x 2
MARCH 2018
IDT72V3626 RENESAS-IDT72V3626 Datasheet
742Kb / 37P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2009
72V3631 RENESAS-72V3631 Datasheet
450Kb / 21P
   3.3 VOLT CMOS SyncFIFOTM 512 x 36 1,024 x 36
Oct.29.21
IDT723631 RENESAS-IDT723631 Datasheet
528Kb / 21P
   CMOS SyncFIFO™512 x 36 1,024 x 36 2,048 x 36
MARCH 2014
logo
Integrated Device Techn...
IDT72V3622 IDT-IDT72V3622 Datasheet
217Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com