Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V3623 Datasheet(PDF) 26 Page - Integrated Device Technology

Part # IDT72V3623
Description  3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING 256 x 36, 512 x 36, 1,024 x 36
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V3623 Datasheet(HTML) 26 Page - Integrated Device Technology

Back Button IDT72V3623 Datasheet HTML 20Page - Integrated Device Technology IDT72V3623 Datasheet HTML 21Page - Integrated Device Technology IDT72V3623 Datasheet HTML 22Page - Integrated Device Technology IDT72V3623 Datasheet HTML 23Page - Integrated Device Technology IDT72V3623 Datasheet HTML 24Page - Integrated Device Technology IDT72V3623 Datasheet HTML 25Page - Integrated Device Technology IDT72V3623 Datasheet HTML 26Page - Integrated Device Technology IDT72V3623 Datasheet HTML 27Page - Integrated Device Technology IDT72V3623 Datasheet HTML 28Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
26
IDT72V3623/72V3633/72V3643 CMOS 3.3V SyncBiFIFOTM WITH BUS-MATCHING
256 x 36, 512 x 36, 1,024 x 36
COMMERCIAL TEMPERATURERANGE
Figure 18. Timing for Mail2 Register and
MBF2 Flag (IDT Standard and FWFT Modes)
NOTE:
1. If Port B is configured for word size, data can be written to the Mail2 Register using B0-B17 (B18-B35 are don't care inputs). In this first case A0-A17 will have valid data (A18-A35 will
be indeterminate). If Port B is configured for byte size, data can be written to the Mail2 Register using B0-B8 (B9-B35 are don't care inputs). In this second case, A0-A8 will have valid
data (A9-A35 will be indeterminate).
Figure 19. Block Diagram of 256 x 36, 512 x 36, 1,024 x 36 Synchronous FIFO Memory with
Programmable Flags used in Depth Expansion Configuration
NOTES:
1. Mailbox feature is not supported in depth expansion applications. (MBA + MBB tie to GND)
2. Transfer clock should be set either to the Write Port Clock (CLKA) or the Read Port Clock (CLKB), whichever is faster.
3. The amount of time it takes for
EF/OR of the last FIFO in the chain to go HIGH (i.e. valid data to appear on the last FIFO’s outputs) after a word has been written to the first FIFO
is the sum of the delays for each individual FIFO: (N - 1)*(4*transfer clock) + 3*TRCLK, where N is the number of FIFOs in the expansion and TRCLK is the CLKB period.
4. The amount of time it takes for
FF/IR of the first FIFO in the chain to go HIGH after a word has been read from the last FIFO is the sum of the delays for each individual FIFO:
(N - 1)*(3*transfer clock) + 2*TWCLK, where N is the number of FIFOs in the expansion and TWCLK is the CLKA period.
4662 drw20
CLKB
ENB
B0-B35
MBB
CSB
W/RB
CLKA
MBF2
CSA
MBA
ENA
A0-A35
W/
RA
tENH
tDS
tDH
tENH
tDIS
tEN
tMDV
tPMR
FIFO Output Register
W1 (Remains valid in Mail2 Register after read)
tENH
tENH
tENH
tPMF
tPMF
W1
tENS2
tENS1
tENS2
tENS2
tENS2
DATA IN (Dn)
READ CLOCK (CLKB)
READ ENABLE (ENB)
EMPTY FLAG/
OUTPUT READY (
EF/OR)
CHIP SELECT (
CSB)
DATA OUT (Qn)
TRANSFER CLOCK
4662 drw21
IDT
72V3623
72V3633
72V3643
VCC
IDT
72V3623
72V3633
72V3643
WRITE
READ
A0-A35
MBA
CHIP SELECT (
CSA)
WRITE SELECT (W/
RA)
WRITE ENABLE (ENA)
ALMOST-FULL FLAG (
AF)
FULL FLAG/
INPUT READY (
FF/IR)
WRITE CLOCK (CLKA)
CLKB
EF/OR
ENB
CSB
B0-B35
W/RB
MBB
CLKA
ENA
FF/IR
CSA
MBA
A0-A35
W/
RA
READ SELECT (
W/RB)
ALMOST-EMPTY FLAG (
AE)
B0-B35
MBB
VCC
n
n
n
Qn
Dn
VCC
VCC


Similar Part No. - IDT72V3623

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3623 IDT-IDT72V3623 Datasheet
213Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH
logo
Renesas Technology Corp
IDT72V3623 RENESAS-IDT72V3623 Datasheet
365Kb / 29P
   3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING 256 x 36 1,024 x 36
MARCH 2018
logo
Integrated Device Techn...
IDT72V3623 IDT-IDT72V3623_15 Datasheet
213Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH
More results

Similar Description - IDT72V3623

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT723623 RENESAS-IDT723623 Datasheet
377Kb / 29P
   CMOS BUS-MATCHING SyncFIFO TM 256 x 36, 512 x 36, 1,024 x 36
MARCH 2018
logo
Integrated Device Techn...
IDT72V3626 IDT-IDT72V3626 Datasheet
329Kb / 36P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT72V3623 RENESAS-IDT72V3623 Datasheet
365Kb / 29P
   3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING 256 x 36 1,024 x 36
MARCH 2018
logo
Jinan Gude Electronic D...
IDT723623 JGD-IDT723623 Datasheet
286Kb / 28P
   CMOS BUS-MATCHING SyncFIFOTM 256 x 36, 512 x 36, 1,024 x 36
logo
Integrated Device Techn...
IDT72V3624 IDT-IDT72V3624 Datasheet
362Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT72V3624 RENESAS-IDT72V3624 Datasheet
446Kb / 35P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 256 x 36 x 2 1,024 x 36 x 2
MARCH 2018
IDT72V3626 RENESAS-IDT72V3626 Datasheet
742Kb / 37P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2009
72V3631 RENESAS-72V3631 Datasheet
450Kb / 21P
   3.3 VOLT CMOS SyncFIFOTM 512 x 36 1,024 x 36
Oct.29.21
IDT723631 RENESAS-IDT723631 Datasheet
528Kb / 21P
   CMOS SyncFIFO™512 x 36 1,024 x 36 2,048 x 36
MARCH 2014
logo
Integrated Device Techn...
IDT72V3622 IDT-IDT72V3622 Datasheet
217Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com