Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCP56-16T Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # BCP56-16T
Description  80 V, 1 A NPN medium power transistors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BCP56-16T Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button BCP56-16T Datasheet HTML 4Page - Nexperia B.V. All rights reserved BCP56-16T Datasheet HTML 5Page - Nexperia B.V. All rights reserved BCP56-16T Datasheet HTML 6Page - Nexperia B.V. All rights reserved BCP56-16T Datasheet HTML 7Page - Nexperia B.V. All rights reserved BCP56-16T Datasheet HTML 8Page - Nexperia B.V. All rights reserved BCP56-16T Datasheet HTML 9Page - Nexperia B.V. All rights reserved BCP56-16T Datasheet HTML 10Page - Nexperia B.V. All rights reserved BCP56-16T Datasheet HTML 11Page - Nexperia B.V. All rights reserved BCP56-16T Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Nexperia
BCP56T series
80 V, 1 A NPN medium power transistors
aaa-023511
200
hFE
0
IC (mA)
10-1
104
103
1
102
10
50
100
150
(1)
(2)
(3)
VCE = 2 V
(1) Tamb = 100 °C
(2) Tamb = 25 °C
(3) Tamb = -55 °C
Fig. 8. DC current gain as a function of collector
current; typical values
aaa-023512
200
hFE
0
IC (mA)
10-1
104
103
1
102
10
50
100
150
(1)
(2)
(3)
Tamb = 25 °C
(1) VCE = 1 V
(2) VCE = 2 V
(3) VCE = 5 V
Fig. 9. DC current gain as a function of collector
current; typical values
VCE (V)
0
5
1
2
3
4
aaa-023513
1
IC
(A)
0
0.2
0.4
0.6
0.8
27
21
15
9
3
24
18
12
6
IB (mA) = 30
Tamb = 25 °C
Fig. 10. Collector current as a function of collector-
emitter voltage; typical values
aaa-023514
1.5
VBE
(V)
0
IC (mA)
10-1
104
103
1
102
10
0.5
1
(1)
(2)
(3)
VCE = 2 V
(1) Tamb = -55 °C
(2) Tamb = 25 °C
(3) Tamb = 100 °C
Fig. 11. Base-emitter voltage as a function of collector
current; typical values
BCP56T_SER
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Product data sheet
Rev. 2 — 29 April 2019
8 / 14


Similar Part No. - BCP56-16T

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BCP56-16T NEXPERIA-BCP56-16T Datasheet
274Kb / 14P
   80 V, 1 A PNP medium power transistors
Rev. 2 - 29 April 2019
BCP56-16T NEXPERIA-BCP56-16T Datasheet
287Kb / 15P
   80 V, 1 A NPN medium power transistors
Rev. 3 - 1 July 2022
BCP56-16T-Q NEXPERIA-BCP56-16T-Q Datasheet
287Kb / 15P
   80 V, 1 A NPN medium power transistors
Rev. 2 - 29 June 2022
logo
ON Semiconductor
BCP56-16T1 ONSEMI-BCP56-16T1 Datasheet
144Kb / 4P
   NPN Silicon Epitaxial Transistor
June, 2004 ??Rev. 3
BCP56-16T1G ONSEMI-BCP56-16T1G Datasheet
144Kb / 4P
   NPN Silicon Epitaxial Transistor
June, 2004 ??Rev. 3
More results

Similar Description - BCP56-16T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC639 NXP-BC639 Datasheet
161Kb / 15P
   80 V, 1 A NPN medium power transistors
Rev. 08-22 June 2007
BCP56 PHILIPS-BCP56_15 Datasheet
1Mb / 22P
   80 V, 1 A NPN medium power transistors
Rev. 9-25 October 2011
logo
Nexperia B.V. All right...
BC56PA-Q_SER NEXPERIA-BC56PA-Q_SER Datasheet
250Kb / 13P
   80 V, 1 A NPN medium power transistors
Rev. 2 - 24 June 2022
BCX56-Q_SER NEXPERIA-BCX56-Q_SER Datasheet
239Kb / 12P
   80 V, 1 A NPN medium power transistors
Rev. 2 - 17 June 2022
BCP56T_SER NEXPERIA-BCP56T_SER Datasheet
287Kb / 15P
   80 V, 1 A NPN medium power transistors
Rev. 3 - 1 July 2022
logo
NXP Semiconductors
BCX56-16.115 NXP-BCX56-16.115 Datasheet
161Kb / 15P
   80 V, 1 A NPN medium power transistors
Rev. 08-22 June 2007
logo
Nexperia B.V. All right...
BC56PA_SER NEXPERIA-BC56PA_SER Datasheet
250Kb / 13P
   80 V, 1 A NPN medium power transistors
Rev. 10 - 1 July 2022
BCP56 NEXPERIA-BCP56 Datasheet
1Mb / 22P
   80 V, 1 A NPN medium power transistors
Rev. 9 - 25 October 2011
BCP56H_SER NEXPERIA-BCP56H_SER Datasheet
1Mb / 16P
   80 V, 1 A NPN medium power transistors
Rev. 1 - 23 November 2016
BCP56_SER NEXPERIA-BCP56_SER Datasheet
247Kb / 12P
   80 V, 1 A NPN medium power transistors
Rev. 11 - 1 July 2022
BCP56H NEXPERIA-BCP56H Datasheet
1Mb / 16P
   80 V, 1 A NPN medium power transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com