Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C036V Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C036V
Description  3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C036V Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C036V Datasheet HTML 3Page - Cypress Semiconductor CY7C036V Datasheet HTML 4Page - Cypress Semiconductor CY7C036V Datasheet HTML 5Page - Cypress Semiconductor CY7C036V Datasheet HTML 6Page - Cypress Semiconductor CY7C036V Datasheet HTML 7Page - Cypress Semiconductor CY7C036V Datasheet HTML 8Page - Cypress Semiconductor CY7C036V Datasheet HTML 9Page - Cypress Semiconductor CY7C036V Datasheet HTML 10Page - Cypress Semiconductor CY7C036V Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
CY7C024V/025V/026V
CY7C0241V/0251V/036V
7
PRELIMINARY
Switching Characteristics Over the Operating Range[13]
Parameter
Description
CY7C024V/025V/026V
CY7C0241V/0251V/036V
Unit
-15[1]
-20
-25
Min.
Max.
Min.
Max.
Min.
Max.
READ CYCLE
tRC
Read Cycle Time
15
20
25
ns
tAA
Address to Data Valid
15
20
25
ns
tOHA
Output Hold From Address Change
3
3
3
ns
tACE
[14]
CE LOW to Data Valid
15
20
25
ns
tDOE
OE LOW to Data Valid
10
12
13
ns
tLZOE
[15, 16, 17]
OE Low to Low Z
3
3
3
ns
tHZOE
[15, 16, 17]
OE HIGH to High Z
10
12
15
ns
tLZCE
[15, 16, 17]
CE LOW to Low Z
3
3
3
ns
tHZCE
[15, 16, 17]
CE HIGH to High Z
10
12
15
ns
tPU
[17]
CE LOW to Power-Up
0
0
0
ns
tPD
[17]
CE HIGH to Power-Down
15
20
25
ns
tABE
[14]
Byte Enable Access Time
15
20
25
ns
WRITE CYCLE
tWC
Write Cycle Time
15
20
25
ns
tSCE
[14]
CE LOW to Write End
12
15
20
ns
tAW
Address Valid to Write End
12
15
20
ns
tHA
Address Hold From Write End
0
0
0
ns
tSA
[14]
Address Set-Up to Write Start
0
0
0
ns
tPWE
Write Pulse Width
12
15
20
ns
tSD
Data Set-Up to Write End
10
15
15
ns
tHD
Data Hold From Write End
0
0
0
ns
tHZWE
[16, 17]
R/W LOW to High Z
10
12
15
ns
tLZWE
[16, 17]
R/W HIGH to Low Z
3
3
0
ns
tWDD
[18]
Write Pulse to Data Delay
30
45
50
ns
tDDD
[18]
Write Data Valid to Read Data Valid
25
30
35
ns
Notes:
13. Test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V, and output loading of the specified
IOI/IOH and 30-pF load capacitance.
14. To access RAM, CE=L, UB=L, SEM=H. To access semaphore, CE=H and SEM=L. Either condition must be valid for the entire tSCE time.
15. At any given temperature and voltage condition for any given device, tHZCE is less than tLZCE and tHZOE is less than tLZOE.
16. Test conditions used are Load 3.
17. This parameter is guaranteed but not tested. For information on port-to-port delay through RAM cells from writing port to reading port, refer to Read Timing
with Busy waveform.
18. For information on port-to-port delay through RAM cells from writing port to reading port, refer to Read Timing with Busy waveform.


Similar Part No. - CY7C036V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C036A CYPRESS-CY7C036A Datasheet
360Kb / 17P
   16K x 16/18 Dual-Port Static RAM
CY7C036A CYPRESS-CY7C036A Datasheet
469Kb / 18P
   16K x 16/18 Dual-Port Static RAM
CY7C036A-12AC CYPRESS-CY7C036A-12AC Datasheet
360Kb / 17P
   16K x 16/18 Dual-Port Static RAM
CY7C036A-12AC CYPRESS-CY7C036A-12AC Datasheet
469Kb / 18P
   16K x 16/18 Dual-Port Static RAM
CY7C036A-15AC CYPRESS-CY7C036A-15AC Datasheet
360Kb / 17P
   16K x 16/18 Dual-Port Static RAM
More results

Similar Description - CY7C036V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C024AV CYPRESS-CY7C024AV_09 Datasheet
475Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV Datasheet
241Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV_05 Datasheet
247Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV_11 Datasheet
590Kb / 20P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM 4, 8 or 16K 횞 16 organization
CY7C09349AV CYPRESS-CY7C09349AV Datasheet
321Kb / 16P
   3.3V 4K/8K x 18 Synchronous Dual-Port Static RAM
CYDM256B16 CYPRESS-CYDM256B16 Datasheet
889Kb / 25P
   1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_11 Datasheet
654Kb / 27P
   1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
CYDC256B16 CYPRESS-CYDC256B16 Datasheet
610Kb / 26P
   1.8V 4k/8k/16k x 16 and 8k/16k x 8 ConsuMoBL Dual-Port Static RAM
CYDM256A16 CYPRESS-CYDM256A16 Datasheet
499Kb / 25P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_09 Datasheet
571Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com