Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC1G04GW-Q100 Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # 74HC1G04GW-Q100
Description  Automotive product qualification in accordance with AEC-Q100
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC1G04GW-Q100 Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74HC1G04GW-Q100 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC1G04GW-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC1G04GW-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC1G04GW-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC1G04GW-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC1G04GW-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC1G04GW-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC1G04GW-Q100 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC1G04GW-Q100 Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC_HCT1G04_Q100
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 25 September 2013
7 of 12
Nexperia
74HC1G04-Q100; 74HCT1G04-Q100
Inverter
13. Package outline
Fig 7.
Package outline SOT353-1 (TSSOP5)
UNIT
A1
A
max.
A2
A3
bp
L
HE
Lp
wy
v
ce
D(1)
E(1)
Z(1)
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.1
0
1.0
0.8
0.30
0.15
0.25
0.08
2.25
1.85
1.35
1.15
0.65
e1
1.3
2.25
2.0
0.60
0.15
7
°
0
°
0.1
0.1
0.3
0.425
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
0.46
0.21
SOT353-1
MO-203
SC-88A
00-09-01
03-02-19
w M
bp
D
Z
e
e1
0.15
13
5
4
θ
A
A2
A1
Lp
(A3)
detail X
L
HE
E
c
v M A
X
A
y
1.5
3 mm
0
scale
TSSOP5: plastic thin shrink small outline package; 5 leads; body width 1.25 mm
SOT353-1
1.1


Similar Part No. - 74HC1G04GW-Q100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC1G04GW PHILIPS-74HC1G04GW Datasheet
73Kb / 16P
   Inverter
2002 May 17
74HC1G04GW NXP-74HC1G04GW Datasheet
76Kb / 11P
   Inverter
Rev. 04-16 July 2007
logo
Nexperia B.V. All right...
74HC1G04GW NEXPERIA-74HC1G04GW Datasheet
206Kb / 10P
   Inverter
Rev. 6 - 21 January 2022
More results

Similar Description - 74HC1G04GW-Q100

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AHC2G125-Q100 NEXPERIA-74AHC2G125-Q100 Datasheet
223Kb / 12P
   Automotive product qualification in accordance with AEC-Q100
74AHC30-Q100 NEXPERIA-74AHC30-Q100 Datasheet
704Kb / 15P
   Automotive product qualification in accordance with AEC-Q100
74AHC2G32-Q100 NEXPERIA-74AHC2G32-Q100 Datasheet
212Kb / 11P
   Automotive product qualification in accordance with AEC-Q100
74AHC86-Q100 NEXPERIA-74AHC86-Q100 Datasheet
705Kb / 15P
   Automotive product qualification in accordance with AEC-Q100
74AHC164-Q100 NEXPERIA-74AHC164-Q100 Datasheet
726Kb / 19P
   Automotive product qualification in accordance with AEC-Q100
74AHC2G08-Q100 NEXPERIA-74AHC2G08-Q100 Datasheet
197Kb / 14P
   Automotive product qualification in accordance with AEC-Q100
74AHC157-Q100 NEXPERIA-74AHC157-Q100 Datasheet
719Kb / 17P
   Automotive product qualification in accordance with AEC-Q100
74AHC02-Q100 NEXPERIA-74AHC02-Q100 Datasheet
717Kb / 15P
   Automotive product qualification in accordance with AEC-Q100
74AHC2G126-Q100 NEXPERIA-74AHC2G126-Q100 Datasheet
230Kb / 13P
   Automotive product qualification in accordance with AEC-Q100
74AHC3G14-Q100 NEXPERIA-74AHC3G14-Q100 Datasheet
257Kb / 15P
   Automotive product qualification in accordance with AEC-Q100
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com