Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM3400-00SN Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # CM3400-00SN
Description  Micropower, Universal Supply Voltage Supervisor (SVS)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM3400-00SN Datasheet(HTML) 1 Page - California Micro Devices Corp

  CM3400-00SN Datasheet HTML 1Page - California Micro Devices Corp CM3400-00SN Datasheet HTML 2Page - California Micro Devices Corp CM3400-00SN Datasheet HTML 3Page - California Micro Devices Corp CM3400-00SN Datasheet HTML 4Page - California Micro Devices Corp CM3400-00SN Datasheet HTML 5Page - California Micro Devices Corp CM3400-00SN Datasheet HTML 6Page - California Micro Devices Corp CM3400-00SN Datasheet HTML 7Page - California Micro Devices Corp CM3400-00SN Datasheet HTML 8Page - California Micro Devices Corp CM3400-00SN Datasheet HTML 9Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 2003 California Micro Devices Corp. All rights reserved.
10/06/03
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
L Tel: 408.263.3214
L Fax: 408.263.7846 L www.calmicro.com
1
CM3400
Micropower, Universal Supply Voltage Supervisor (SVS)
Features
Temperature stable 1.0V trigger reference
User adjustable reset threshold
User adjustable reset delay time > 25msec
Complimentary outputs (RESET, RESET)
Integrated pull-up/down resistors
Manual reset (MR) control input
Low operating current (40
µA typ.)
8-lead MSOP and SOIC package
Applications
Critical power monitoring
Power-up sequencing
Memory integrity during "brownouts"
Product Description
The CM3400 is a universal supply voltage supervisory
(SVS) controller for critical power monitoring and power
sequencing applications. During an initial power-up,
both complimentary outputs (RESET, RESET) remain
active. Once the supply voltage being monitored
exceeds the user programmed reset threshold, the out-
puts will remain active for an additional timeout interval
which is also user controlled. Both outputs become
inactive once the delay interval has expired.
The user controlled reset threshold is determined by
two external resistors as follows:
Reset Threshold [V] = (R1 + R2) / R2
The delay time is set by an external capacitor CT, as
follows (where CT is in [nF]):
Reset Delay [ms] = (375 x CT[nF]) + 25 [ms]
During a brown-out condition, both outputs will immedi-
ately become active and remain active until the supply
being monitored has been restored for a period
exceeding the delay pulse. During a complete power-
down situation, both outputs will continually "hug" their
respective rails. This is achieved by the use of inte-
grated pull-up/down resistors.
The CM3400 is available in a low profile MSOP-8 and a
SOIC-8 package.
Simplified Electrical Schematic
Typical Application Circuit
SENSE
MR
RESET
GND
+
-
CT
CT
R1
GND
CM3400
RESET
VDD
uP or
Memory
Control
R2
SENSE
VTH
+
GND
-
Falling Edge Delay
RESET
200K
tDELAY
CT
100K
RESET
MR
VDD
EN
1
µA


Similar Part No. - CM3400-00SN

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM3403 CALMIRCO-CM3403 Datasheet
183Kb / 6P
   Micropower Supply Voltage Supervisor (SVS)
CM3403-29SO CALMIRCO-CM3403-29SO Datasheet
183Kb / 6P
   Micropower Supply Voltage Supervisor (SVS)
CM3403-29ST CALMIRCO-CM3403-29ST Datasheet
183Kb / 6P
   Micropower Supply Voltage Supervisor (SVS)
CM3403-46SO CALMIRCO-CM3403-46SO Datasheet
183Kb / 6P
   Micropower Supply Voltage Supervisor (SVS)
CM3403-46ST CALMIRCO-CM3403-46ST Datasheet
183Kb / 6P
   Micropower Supply Voltage Supervisor (SVS)
More results

Similar Description - CM3400-00SN

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM3403 CALMIRCO-CM3403 Datasheet
183Kb / 6P
   Micropower Supply Voltage Supervisor (SVS)
CM3404 CALMIRCO-CM3404 Datasheet
295Kb / 6P
   Micropower Supply Voltage Supervisor (SVS)
logo
Texas Instruments
TL7700 TI1-TL7700_16 Datasheet
1Mb / 23P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
logo
Toshiba Semiconductor
TA8505P TOSHIBA-TA8505P Datasheet
213Kb / 6P
   SUPPLY VOLTAGE SUPERVISOR
logo
Texas Instruments
TL7700 TI-TL7700_06 Datasheet
266Kb / 15P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7700 TI-TL7700 Datasheet
144Kb / 11P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7702 TI-TL7702 Datasheet
340Kb / 17P
[Old version datasheet]   Supply voltage Supervisor
1633903 TI-1633903 Datasheet
774Kb / 22P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7700 TI-TL7700_07 Datasheet
400Kb / 17P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
logo
Microchip Technology
MIC2774 MICROCHIP-MIC2774 Datasheet
1Mb / 18P
   Dual Micropower Low Voltage Supervisor
Revision A (May 2022)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com