Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM3400-00MS Datasheet(PDF) 4 Page - California Micro Devices Corp

Part # CM3400-00MS
Description  Micropower, Universal Supply Voltage Supervisor (SVS)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM3400-00MS Datasheet(HTML) 4 Page - California Micro Devices Corp

  CM3400-00MS Datasheet HTML 1Page - California Micro Devices Corp CM3400-00MS Datasheet HTML 2Page - California Micro Devices Corp CM3400-00MS Datasheet HTML 3Page - California Micro Devices Corp CM3400-00MS Datasheet HTML 4Page - California Micro Devices Corp CM3400-00MS Datasheet HTML 5Page - California Micro Devices Corp CM3400-00MS Datasheet HTML 6Page - California Micro Devices Corp CM3400-00MS Datasheet HTML 7Page - California Micro Devices Corp CM3400-00MS Datasheet HTML 8Page - California Micro Devices Corp CM3400-00MS Datasheet HTML 9Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
© 2003 California Micro Devices Corp. All rights reserved.
4
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
L Tel: 408.263.3214
L Fax: 408.263.7846 L www.calmicro.com
10/06/03
CM3400
Specifications (cont’d)
RESET Pin
RESET Pin
MR Pin
Note 1: Electrical Operating Characteristics are specified over the Standard Operating Conditions unless specified otherwise.
ELECTRICAL OPERATING CHARACTERISTICS1
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VTH
SENSE Threshold Trigger Level
0.95
1.00
1.05
V
ISENSE
SENSE Input Bias Current
1
µA
ICT
Timing Current Source
0.10
0.16
0.25
µA
TDELAY
Timing Capacitor Delay (applies
to RESET & RESET outputs)
CT not connected (default)
15
25
35
mS
CT = 0.1nF
35
55
75
mS
CT = 1nF
225
325
425
mS
IGND
Ground Current
No load.
40
70
µA
tPHL
Propagation Delay When Assert-
ing RESET
SENSE < (VTH - 50mV)
0.5
5
µS
RPULLUP
RESET Pull-up Impedance
VDD < 1.0V
VDD > 2.5V
100
0.5
500
3
k
k
RPULLDOWN
RESET Pull-down Impedance
0.5
3
k
RPULLDOWN
RESET Pull-down Impedance
VDD < 1.0V
VDD > 2.5V
200
0.5
500
3
k
k
RPULLUP
RESET Pull-up Impedance
0.5
3
k
IMR
Internal Pull-up Current
0.5
2
5
µA
VIH MR
High Detect Input Level
1.5
V
VIL MR
Low Detect Input Level
0.3
V
tMR
Propagation Delay
2
µS


Similar Part No. - CM3400-00MS

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM3403 CALMIRCO-CM3403 Datasheet
183Kb / 6P
   Micropower Supply Voltage Supervisor (SVS)
CM3403-29SO CALMIRCO-CM3403-29SO Datasheet
183Kb / 6P
   Micropower Supply Voltage Supervisor (SVS)
CM3403-29ST CALMIRCO-CM3403-29ST Datasheet
183Kb / 6P
   Micropower Supply Voltage Supervisor (SVS)
CM3403-46SO CALMIRCO-CM3403-46SO Datasheet
183Kb / 6P
   Micropower Supply Voltage Supervisor (SVS)
CM3403-46ST CALMIRCO-CM3403-46ST Datasheet
183Kb / 6P
   Micropower Supply Voltage Supervisor (SVS)
More results

Similar Description - CM3400-00MS

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM3403 CALMIRCO-CM3403 Datasheet
183Kb / 6P
   Micropower Supply Voltage Supervisor (SVS)
CM3404 CALMIRCO-CM3404 Datasheet
295Kb / 6P
   Micropower Supply Voltage Supervisor (SVS)
logo
Texas Instruments
TL7700 TI1-TL7700_16 Datasheet
1Mb / 23P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
logo
Toshiba Semiconductor
TA8505P TOSHIBA-TA8505P Datasheet
213Kb / 6P
   SUPPLY VOLTAGE SUPERVISOR
logo
Texas Instruments
TL7700 TI-TL7700_06 Datasheet
266Kb / 15P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7700 TI-TL7700 Datasheet
144Kb / 11P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7702 TI-TL7702 Datasheet
340Kb / 17P
[Old version datasheet]   Supply voltage Supervisor
1633903 TI-1633903 Datasheet
774Kb / 22P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7700 TI-TL7700_07 Datasheet
400Kb / 17P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
logo
Microchip Technology
MIC2774 MICROCHIP-MIC2774 Datasheet
1Mb / 18P
   Dual Micropower Low Voltage Supervisor
Revision A (May 2022)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com