Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC4051PW-Q100 Datasheet(PDF) 27 Page - Nexperia B.V. All rights reserved

Part # 74HC4051PW-Q100
Description  8-channel analog multiplexer/demultiplexer
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC4051PW-Q100 Datasheet(HTML) 27 Page - Nexperia B.V. All rights reserved

Back Button 74HC4051PW-Q100 Datasheet HTML 23Page - Nexperia B.V. All rights reserved 74HC4051PW-Q100 Datasheet HTML 24Page - Nexperia B.V. All rights reserved 74HC4051PW-Q100 Datasheet HTML 25Page - Nexperia B.V. All rights reserved 74HC4051PW-Q100 Datasheet HTML 26Page - Nexperia B.V. All rights reserved 74HC4051PW-Q100 Datasheet HTML 27Page - Nexperia B.V. All rights reserved 74HC4051PW-Q100 Datasheet HTML 28Page - Nexperia B.V. All rights reserved 74HC4051PW-Q100 Datasheet HTML 29Page - Nexperia B.V. All rights reserved 74HC4051PW-Q100 Datasheet HTML 30Page - Nexperia B.V. All rights reserved 74HC4051PW-Q100 Datasheet HTML 31Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC_HCT4051_Q100
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 2 — 8 October 2012
27 of 31
Nexperia
74HC4051-Q100; 74HCT4051-Q100
8-channel analog multiplexer/demultiplexer
Fig 22. Package outline SOT763-1 (DHVQFN16)
terminal 1
index area
0.5
1
A1
Eh
b
UNIT
y
e
0.2
c
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
3.6
3.4
Dh
2.15
1.85
y1
2.6
2.4
1.15
0.85
e1
2.5
0.30
0.18
0.05
0.00
0.05
0.1
DIMENSIONS (mm are the original dimensions)
SOT763-1
MO-241
- - -
- - -
0.5
0.3
L
0.1
v
0.05
w
0
2.5
5 mm
scale
SOT763-1
DHVQFN16: plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads;
16 terminals; body 2.5 x 3.5 x 0.85 mm
A(1)
max.
A
A1
c
detail X
y
y1 C
e
L
Eh
Dh
e
e1
b
27
15
10
9
8
1
16
X
D
E
C
B
A
terminal 1
index area
A
C
C
B
v M
w M
E(1)
Note
1. Plastic or metal protrusions of 0.075 mm maximum per side are not included.
D(1)
02-10-17
03-01-27


Similar Part No. - 74HC4051PW-Q100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4051PW PHILIPS-74HC4051PW Datasheet
126Kb / 16P
   8-channel analog multiplexer/demultiplexer
December 1990
74HC4051PW NXP-74HC4051PW Datasheet
220Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 6-13 December 2011
74HC4051PW NXP-74HC4051PW Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
74HC4051PW PHILIPS-74HC4051PW Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
logo
Nexperia B.V. All right...
74HC4051PW NEXPERIA-74HC4051PW Datasheet
399Kb / 28P
   8-channel analog multiplexer/demultiplexer
Rev. 11 - 5 December 2022
More results

Similar Description - 74HC4051PW-Q100

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MZ4051FK TOSHIBA-TC7MZ4051FK_07 Datasheet
236Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4051A-EP TI1-SN74LV4051A-EP Datasheet
490Kb / 13P
[Old version datasheet]    8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
74HCT4051PW-118 PHILIPS-74HCT4051PW-118 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
74HC_HCT4051 PHILIPS-74HC_HCT4051_15 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051_18 Datasheet
256Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
U74LVX4051 UTC-U74LVX4051_16 Datasheet
229Kb / 10P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Texas Instruments
SN74LV4051A-Q1 TI-SN74LV4051A-Q1 Datasheet
325Kb / 14P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
HEF4051BT PHILIPS-HEF4051BT Datasheet
174Kb / 23P
   8-channel analog multiplexer/demultiplexer
Rev. 10-17 November 2011
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051 Datasheet
259Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER / DEMULTIPLEXER
U74LVX4051 UTC-U74LVX4051 Datasheet
241Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4051D-T NXP-74HC4051D-T Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com