Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC4051D-Q100 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part No. 74HC4051D-Q100
Description  8-channel analog multiplexer/demultiplexer
Download  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEXPERIA [Nexperia B.V. All rights reserved]
Homepage  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC4051D-Q100 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74HC4051D-Q100 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC_HCT4051_Q100
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 2 — 8 October 2012
2 of 31
Nexperia
74HC4051-Q100; 74HCT4051-Q100
8-channel analog multiplexer/demultiplexer
3.
Applications
Analog multiplexing and demultiplexing
Digital multiplexing and demultiplexing
Signal gating
4.
Ordering information
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74HC4051D-Q100
40 C to +125 C
SO16
plastic small outline package; 16 leads;
body width 3.9 mm
SOT109-1
74HCT4051D-Q100
74HC4051PW-Q100
40 C to +125 C
TSSOP16
plastic thin shrink small outline package; 16
leads; body width 4.4 mm
SOT403-1
74HCT4051PW-Q100
74HC4051BQ-Q100
40 C to +125 C
DHVQFN16 plastic dual in-line compatible thermal enhanced
very thin quad flat package; no leads; 16
terminals; body 2.5
 3.5  0.85 mm
SOT763-1
74HCT4051BQ-Q100


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn