Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC4051D-Q100 Datasheet(PDF) 17 Page - Nexperia B.V. All rights reserved

Part No. 74HC4051D-Q100
Description  8-channel analog multiplexer/demultiplexer
Download  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEXPERIA [Nexperia B.V. All rights reserved]
Homepage  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC4051D-Q100 Datasheet(HTML) 17 Page - Nexperia B.V. All rights reserved

Back Button 74HC4051D-Q100 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 17Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 18Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 19Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 20Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 21Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC_HCT4051_Q100
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 2 — 8 October 2012
17 of 31
Nexperia
74HC4051-Q100; 74HCT4051-Q100
8-channel analog multiplexer/demultiplexer
[1]
tpd is the same as tPHL and tPLH.
[2]
ton is the same as tPZH and tPZL.
[3]
toff is the same as tPHZ and tPLZ.
[4]
CPD is used to determine the dynamic power dissipation (PD in W).
PD = CPD  VCC2  fi  N + {(CL +Csw)  VCC2  fo} where:
fi = input frequency in MHz;
fo = output frequency in MHz;
N = number of inputs switching;
{(C
L +Csw)  VCC
2
 f
o} = sum of outputs;
CL = output load capacitance in pF;
Csw = switch capacitance in pF;
VCC = supply voltage in V.
toff
turn-off time
E to Vos; RL =1 k; see Figure 14
[3]
VCC = 2.0 V; VEE =0 V
-
-
435
ns
VCC = 4.5 V; VEE =0 V
-
-
87
ns
VCC = 6.0 V; VEE =0 V
-
-
74
ns
VCC = 4.5 V; VEE = 4.5 V
-
-
72
ns
Sn to Vos; RL =1 k; see Figure 14
[3]
VCC = 2.0 V; VEE =0 V
-
-
435
ns
VCC = 4.5 V; VEE =0 V
-
-
87
ns
VCC = 6.0 V; VEE =0 V
-
-
74
ns
VCC = 4.5 V; VEE = 4.5 V
-
-
72
ns
Table 9.
Dynamic characteristics for 74HC4051-Q100 …continued
GND = 0 V; tr =tf =6ns; CL = 50 pF; for test circuit see Figure 15.
Vis is the input voltage at a Yn or Z terminal, whichever is assigned as an input.
Vos is the output voltage at a Yn or Z terminal, whichever is assigned as an output.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 10.
Dynamic characteristics for 74HCT4051-Q100
GND = 0 V; tr =tf =6ns; CL = 50 pF; for test circuit see Figure 15.
Vis is the input voltage at a Yn or Z terminal, whichever is assigned as an input.
Vos is the output voltage at a Yn or Z terminal, whichever is assigned as an output.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb =25 C
tpd
propagation delay Vis to Vos; RL = ; see Figure 13
[1]
VCC = 4.5 V; VEE =0 V
-
5
12
ns
VCC = 4.5 V; VEE = 4.5 V
-
4
8
ns
ton
turn-on time
E to Vos; RL =1 k; see Figure 14
[2]
VCC = 4.5 V; VEE = 0 V
-
26
55
ns
VCC = 5.0 V; VEE =0 V; CL = 15 pF
-
22
-
ns
VCC = 4.5 V; VEE = 4.5 V
-
16
39
ns
Sn to Vos; RL =1 k; see Figure 14
[2]
VCC = 4.5 V; VEE = 0 V
-
28
55
ns
VCC = 5.0 V; VEE =0 V; CL = 15 pF
-
24
-
ns
VCC = 4.5 V; VEE = 4.5 V
-
16
39
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn