Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC4051D-Q100 Datasheet(PDF) 14 Page - Nexperia B.V. All rights reserved

Part No. 74HC4051D-Q100
Description  8-channel analog multiplexer/demultiplexer
Download  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEXPERIA [Nexperia B.V. All rights reserved]
Homepage  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC4051D-Q100 Datasheet(HTML) 14 Page - Nexperia B.V. All rights reserved

Back Button 74HC4051D-Q100 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 17Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 18Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC_HCT4051_Q100
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 2 — 8 October 2012
14 of 31
Nexperia
74HC4051-Q100; 74HCT4051-Q100
8-channel analog multiplexer/demultiplexer
11. Dynamic characteristics
Vis = VCC and Vos = VEE.
Vis = VEE and Vos = VCC.
Fig 11. Test circuit for measuring OFF-state current
001aah827
nYn
Sn
from select
input
nZ
GND
VEE
VCC
Vis
Vos
Isw
A
Isw
A
Vis = VCC and Vos = open-circuit.
Vis = VEE and Vos = open-circuit.
Fig 12. Test circuit for measuring ON-state current
Isw
A
001aah828
nYn
Sn
HIGH
from select
input
nZ
GND
VEE
VCC
Vis
Vos
Table 9.
Dynamic characteristics for 74HC4051-Q100
GND = 0 V; tr =tf =6ns; CL = 50 pF; for test circuit see Figure 15.
Vis is the input voltage at a Yn or Z terminal, whichever is assigned as an input.
Vos is the output voltage at a Yn or Z terminal, whichever is assigned as an output.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb =25 C
tpd
propagation delay Vis to Vos; RL =  ; see Figure 13
[1]
VCC = 2.0 V; VEE = 0 V
-
14
60
ns
VCC = 4.5 V; VEE =0 V
-
5
12
ns
VCC = 6.0 V; VEE =0 V
-
4
10
ns
VCC = 4.5 V; VEE = 4.5 V
-
4
8
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn