Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC4051D-Q100 Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part No. 74HC4051D-Q100
Description  8-channel analog multiplexer/demultiplexer
Download  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEXPERIA [Nexperia B.V. All rights reserved]
Homepage  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC4051D-Q100 Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button 74HC4051D-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 14Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC_HCT4051_Q100
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 2 — 8 October 2012
10 of 31
Nexperia
74HC4051-Q100; 74HCT4051-Q100
8-channel analog multiplexer/demultiplexer
Vis =0Vto(VCC  VEE).
Vis =0Vto (VCC  VEE).
(1) VCC =4.5 V
(2) VCC =6 V
(3) VCC =9 V
Fig 9.
Test circuit for measuring RON
Fig 10. Typical RON as a function of input voltage Vis
V
001aan389
Yn
Sn
from select
input
Z
GND
VEE
VCC
Vis
Isw
Vsw
Vis (V)
0
9.0
7.2
3.6
5.4
1.8
mnb047
50
70
30
90
110
10
RON
(
Ω)
(1)
(2)
(3)
R
ON
V
sw
I
sw
---------
=
Table 7.
Static characteristics for 74HC4051-Q100
Voltages are referenced to GND (ground = 0 V).
Vis is the input voltage at pins Yn or Z, whichever is assigned as an input.
Vos is the output voltage at pins Z or Yn, whichever is assigned as an output.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb =25 C
VIH
HIGH-level input
voltage
VCC = 2.0 V
1.5
1.2
-
V
VCC = 4.5 V
3.15
2.4
-
V
VCC = 6.0 V
4.2
3.2
-
V
VCC = 9.0 V
6.3
4.7
-
V
VIL
LOW-level input
voltage
VCC = 2.0 V
-
0.8
0.5
V
VCC = 4.5 V
-
2.1
1.35
V
VCC = 6.0 V
-
2.8
1.8
V
VCC = 9.0 V
-
4.3
2.7
V
II
input leakage current
VEE = 0 V; VI =VCC or GND
VCC = 6.0 V
-
-
0.1
A
VCC = 10.0 V
-
-
0.2
A
IS(OFF)
OFF-state leakage
current
VCC = 10.0 V; VEE = 0 V; VI =VIH or VIL;
V
SW =VCC  VEE; see Figure 11
per channel
-
-
0.1
A
all channels
-
-
0.4
A
IS(ON)
ON-state leakage
current
VI =VIH or VIL; VSW =VCC  VEE;
VCC = 10.0 V; VEE = 0 V; see Figure 12
--
0.4
A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn