Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC4051D-Q100 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part No. 74HC4051D-Q100
Description  8-channel analog multiplexer/demultiplexer
Download  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEXPERIA [Nexperia B.V. All rights reserved]
Homepage  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC4051D-Q100 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74HC4051D-Q100 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
1.
General description
The 74HC4051-Q100; 74HCT4051-Q100 is a high-speed Si-gate CMOS device and is pin
compatible with Low-power Schottky TTL (LSTTL). The device is specified in compliance
with JEDEC standard no. 7A.
The 74HC4051-Q100; 74HCT4051-Q100 is an 8-channel analog
multiplexer/demultiplexer with three digital select inputs (S0 to S2), an active-LOW enable
input (E), eight independent inputs/outputs (Y0 to Y7) and a common input/output (Z).
With E LOW, one of the eight switches is selected (low impedance ON-state) by S0 to S2.
With E HIGH, all switches are in the high-impedance OFF-state, independent of S0 to S2.
VCC and GND are the supply voltage pins for the digital control inputs (S0 to S2, and E).
The VCC to GND ranges are 2.0 V to 10.0 V for 74HC4051-Q100 and 4.5 V to 5.5 V for
74HCT4051-Q100. The analog inputs/outputs (Y0 to Y7, and Z) can swing between VCC
as a positive limit and VEE as a negative limit. VCC  VEE may not exceed 10.0 V. For
operation as a digital multiplexer/demultiplexer, VEE is connected to GND (typically
ground).
This product has been qualified to the Automotive Electronics Council (AEC) standard
Q100 (Grade 1) and is suitable for use in automotive applications.
2.
Features and benefits
Automotive product qualification in accordance with AEC-Q100 (Grade 1)
Specified from
40 C to +85 C and from 40 C to +125 C
Wide analog input voltage range from
5 V to +5 V
Low ON resistance:
80
 (typical) at V
CC  VEE =4.5 V
70
 (typical) at V
CC  VEE =6.0 V
60
 (typical) at V
CC  VEE =9.0 V
Logic level translation: to enable 5 V logic to communicate with
5 V analog signals
Typical ‘break before make’ built-in
ESD protection:
MIL-STD-883, method 3015 exceeds 2000 V
HBM JESD22-A114F exceeds 2000 V
MM JESD22-A115-A exceeds 200 V (C = 200 pf, R = 0
)
CDM AEC-Q100-011 revision B exceeds 1000 V
Multiple package options
74HC4051-Q100; 74HCT4051-Q100
8-channel analog multiplexer/demultiplexer
Rev. 2 — 8 October 2012
Product data sheet


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn