Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC4051D-Q100 Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part No. 74HC4051D-Q100
Description  8-channel analog multiplexer/demultiplexer
Download  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEXPERIA [Nexperia B.V. All rights reserved]
Homepage  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC4051D-Q100 Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button 74HC4051D-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC_HCT4051_Q100
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 2 — 8 October 2012
8 of 31
Nexperia
74HC4051-Q100; 74HCT4051-Q100
8-channel analog multiplexer/demultiplexer
10. Static characteristics
Table 6.
RON resistance per switch for 74HC4051-Q100 and 74HCT4051-Q100
VI = VIH or VIL; for test circuit see Figure 9.
Vis is the input voltage at a Yn or Z terminal, whichever is assigned as an input.
Vos is the output voltage at a Yn or Z terminal, whichever is assigned as an output.
For 74HC4051-Q100: VCC GND or VCC VEE = 2.0V, 4.5V, 6.0V and 9.0V.
For 74HCT4051-Q100: VCC GND = 4.5 V and 5.5 V, VCC VEE = 2.0 V, 4.5 V, 6.0 V and 9.0 V.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb =25 C
RON(peak) ON resistance (peak)
Vis =VCC to VEE
VCC = 2.0 V; VEE = 0 V; ISW = 100 A
[1] ---
VCC = 4.5 V; VEE = 0 V; ISW = 1000 A-
100
180
VCC = 6.0 V; VEE = 0 V; ISW = 1000 A-
90
160
VCC = 4.5 V; VEE = 4.5 V; ISW = 1000 A-
70
130
RON(rail)
ON resistance (rail)
Vis =VEE
VCC = 2.0 V; VEE = 0 V; ISW = 100 A
[1] -150
-
VCC = 4.5 V; VEE = 0 V; ISW = 1000 A-
80
140
VCC = 6.0 V; VEE = 0 V; ISW = 1000 A-
70
120
VCC = 4.5 V; VEE = 4.5 V; ISW = 1000 A-
60
105
Vis =VCC
VCC = 2.0 V; VEE = 0 V; ISW = 100 A
[1] -150
-
VCC = 4.5 V; VEE = 0 V; ISW = 1000 A-
90
160
VCC = 6.0 V; VEE = 0 V; ISW = 1000 A-
80
140
VCC = 4.5 V; VEE = 4.5 V; ISW = 1000 A-
65
120
R
ON
ON resistance mismatch
between channels
Vis =VCC to VEE
VCC = 2.0 V; VEE = 0 V
[1] ---
VCC = 4.5 V; VEE = 0 V
-
9
-
VCC = 6.0 V; VEE = 0 V
-
8
-
VCC = 4.5 V; VEE = 4.5 V
-
6
-
Tamb = 40 Cto+85 C
RON(peak) ON resistance (peak)
Vis =VCC to VEE
VCC = 2.0 V; VEE = 0 V; ISW = 100 A
[1] ---
VCC = 4.5 V; VEE = 0 V; ISW = 1000 A
--225
VCC = 6.0 V; VEE = 0 V; ISW = 1000 A
--200
VCC = 4.5 V; VEE = 4.5 V; ISW = 1000 A
--165


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn