Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC4051D-Q100 Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part No. 74HC4051D-Q100
Description  8-channel analog multiplexer/demultiplexer
Download  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEXPERIA [Nexperia B.V. All rights reserved]
Homepage  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC4051D-Q100 Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74HC4051D-Q100 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC_HCT4051_Q100
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 2 — 8 October 2012
7 of 31
Nexperia
74HC4051-Q100; 74HCT4051-Q100
8-channel analog multiplexer/demultiplexer
9.
Recommended operating conditions
Table 5.
Recommended operating conditions
Symbol
Parameter
Conditions
74HC4051-Q100
74HCT4051-Q100
Unit
Min
Typ
Max
Min
Typ
Max
VCC
supply voltage
see Figure 7
and Figure 8
VCC  GND
2.0
5.0
10.0
4.5
5.0
5.5
V
VCC  VEE
2.0
5.0
10.0
2.0
5.0
10.0
V
VI
input voltage
GND
-
VCC
GND
-
VCC
V
VSW
switch voltage
VEE
-VCC
VEE
-VCC
V
Tamb
ambient temperature
40
+25
+125
40
+25
+125
C
t/V
input transition rise and fall
rate
VCC = 2.0 V
-
-
625
-
-
-
ns/V
VCC = 4.5 V
-
1.67
139
-
1.67
139
ns/V
VCC =6.0 V
-
-
83
-
-
-
ns/V
VCC = 10.0 V
-
-
31
-
-
-
ns/V
Fig 7.
Guaranteed operating area as a function of the
supply voltages for 74HC4051-Q100
Fig 8.
Guaranteed operating area as a function of the
supply voltages for 74HCT4051-Q100
VCC − VEE (V)
010
8
46
2
001aad545
4
6
2
8
10
0
operating area
VCC − GND
(V)
VCC − VEE (V)
010
8
46
2
001aad546
4
6
2
8
10
0
VCC − GND
(V)
operating area


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn