Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC4051D-Q100 Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part No. 74HC4051D-Q100
Description  8-channel analog multiplexer/demultiplexer
Download  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEXPERIA [Nexperia B.V. All rights reserved]
Homepage  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC4051D-Q100 Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button 74HC4051D-Q100 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC_HCT4051_Q100
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 2 — 8 October 2012
6 of 31
Nexperia
74HC4051-Q100; 74HCT4051-Q100
8-channel analog multiplexer/demultiplexer
7.
Functional description
7.1 Function table
[1]
H = HIGH voltage level;
L = LOW voltage level;
X = don’t care.
8.
Limiting values
[1]
To avoid drawing VCC current out of terminal Z, when switch current flows into terminals Yn, the voltage drop across the bidirectional
switch must not exceed 0.4 V. If the switch current flows into terminal Z, no VCC current will flow out of terminals Yn, and in this case
there is no limit for the voltage drop across the switch, but the voltages at Yn and Z may not exceed VCC or VEE.
[2]
For SO16 packages: above 70
C the value of P
tot derates linearly with 8 mW/K.
For TSSOP16 package: above 60
C the value of P
tot derates linearly with 5.5 mW/K.
For DHVQFN16 packages: above 60
C the value of P
tot derates linearly with 4.5 mW/K.
Table 3.
Function table[1]
Input
Channel ON
E
S2
S1
S0
LLLLY0 to Z
LLLH
Y1 to Z
L
L
H
L
Y2toZ
L
L
H
H
Y3toZ
LH
LLY4 to Z
LH
LH
Y5 to Z
L
HHL
Y6 to Z
L
HHHY7 to Z
H
XXXswitches off
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to VSS = 0 V (ground).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
[1]
0.5
+11.0
V
IIK
input clamping current
VI < 0.5 V or VI >VCC +0.5 V
-
20
mA
ISK
switch clamping current
VSW < 0.5 V or VSW >VCC +0.5 V
-
20
mA
ISW
switch current
0.5 V < V
SW <VCC +0.5 V
-
25
mA
IEE
supply current
-
20
mA
ICC
supply current
-
50
mA
IGND
ground current
-
50
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
[2] -
500
mW
P
power dissipation
per switch
-
100
mW


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn