Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC4051D-Q100 Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part No. 74HC4051D-Q100
Description  8-channel analog multiplexer/demultiplexer
Download  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEXPERIA [Nexperia B.V. All rights reserved]
Homepage  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC4051D-Q100 Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  74HC4051D-Q100 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC_HCT4051_Q100
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 2 — 8 October 2012
5 of 31
Nexperia
74HC4051-Q100; 74HCT4051-Q100
8-channel analog multiplexer/demultiplexer
6.
Pinning information
6.1 Pinning
6.2 Pin description
(1) This is not a supply pin. The substrate is attached to this
pad using conductive die attach material. There is no
electrical or mechanical requirement to solder this pad.
However, if it is soldered, the solder land should remain
floating or be connected to VCC.
Fig 5.
Pin configuration SO16 and TSSOP16
Fig 6.
Pin configuration DHVQFN16
Y4
VCC
Y6
Y2
ZY1
Y7
Y0
Y5
Y3
ES0
VEE
S1
GND
S2
aaa-003160
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
74HC4051-Q100
74HCT4051-Q100
aaa-003161
VEE
S1
ES0
Y5
Y3
Y7
Y0
ZY1
Y6
Y2
Transparent top view
7
10
6
11
5
12
4
13
3
14
2
15
terminal 1
index area
VCC(1)
74HC4051-Q100
74HCT4051-Q100
Table 2.
Pin description
Symbol
Pin
Description
E
6
enable input (active LOW)
VEE
7
supply voltage
GND
8
ground supply voltage
S0, S1, S2
11, 10, 9
select input
Y0, Y1, Y2, Y3, Y4, Y5, Y6, Y7 13, 14, 15, 12, 1, 5, 2, 4 independent input or output
Z
3
common output or input
VCC
16
supply voltage


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn