Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC4051D-Q100 Datasheet(PDF) 23 Page - Nexperia B.V. All rights reserved

Part No. 74HC4051D-Q100
Description  8-channel analog multiplexer/demultiplexer
Download  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEXPERIA [Nexperia B.V. All rights reserved]
Homepage  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC4051D-Q100 Datasheet(HTML) 23 Page - Nexperia B.V. All rights reserved

Back Button 74HC4051D-Q100 Datasheet HTML 19Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 20Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 21Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 22Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 23Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 24Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 25Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 26Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 27Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC_HCT4051_Q100
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 2 — 8 October 2012
23 of 31
Nexperia
74HC4051-Q100; 74HCT4051-Q100
8-channel analog multiplexer/demultiplexer
VCC = 4.5 V; GND = 0 V; VEE = 4.5 V; RL = 600 ; RS =1k.
a. Test circuit
b. Isolation (OFF-state) as a function of frequency
Fig 17. Test circuit for measuring isolation (OFF-state)
dB
001aan386
Yn/Z
0.1
µF
Vis
Vos
Z/Yn
CL
RL
Sn
GND
VEE
VCC
001aae332
fi (kHz)
10
105
106
104
102
103
−60
−40
−80
−20
0
αiso
(dB)
−100
Fig 18. Test circuit for measuring crosstalk between control input and any switch
oscilloscope
001aan387
Yn
Vct
Z
2RL
2RL
2RL
2RL
Sn, E
GND
VEE
VCC
G


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn