Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC4051D-Q100 Datasheet(PDF) 22 Page - Nexperia B.V. All rights reserved

Part No. 74HC4051D-Q100
Description  8-channel analog multiplexer/demultiplexer
Download  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEXPERIA [Nexperia B.V. All rights reserved]
Homepage  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC4051D-Q100 Datasheet(HTML) 22 Page - Nexperia B.V. All rights reserved

Back Button 74HC4051D-Q100 Datasheet HTML 18Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 19Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 20Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 21Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 22Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 23Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 24Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 25Page - Nexperia B.V. All rights reserved 74HC4051D-Q100 Datasheet HTML 26Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC_HCT4051_Q100
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 2 — 8 October 2012
22 of 31
Nexperia
74HC4051-Q100; 74HCT4051-Q100
8-channel analog multiplexer/demultiplexer
11.1 Additional dynamic characteristics
[1]
Adjust input voltage Vis to 0 dBm level (0 dBm = 1 mW into 600 ).
[2]
Adjust input voltage Vis to 0 dBm level at Vos for 1 MHz (0 dBm = 1 mW into 50 ).
Table 12.
Additional dynamic characteristics
Recommended conditions and typical values; GND = 0 V; Tamb =25 C; CL =50 pF.
Vis is the input voltage at pins nYn or nZ, whichever is assigned as an input.
Vos is the output voltage at pins nYn or nZ, whichever is assigned as an output.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
dsin
sine-wave distortion
fi = 1 kHz; RL =10k; see Figure 16
Vis = 4.0 V (p-p); VCC = 2.25 V; VEE = 2.25 V
-
0.04
-
%
Vis = 8.0 V (p-p); VCC = 4.5 V; VEE = 4.5 V
-
0.02
-
%
fi =10 kHz; RL =10k; see Figure 16
Vis = 4.0 V (p-p); VCC = 2.25 V; VEE = 2.25 V
-
0.12
-
%
Vis = 8.0 V (p-p); VCC = 4.5 V; VEE = 4.5 V
-
0.06
-
%
iso
isolation (OFF-state)
RL = 600 ; fi = 1 MHz; see Figure 17
VCC = 2.25 V; VEE = 2.25 V
[1] -
50
-
dB
VCC = 4.5 V; VEE = 4.5 V
[1] -
50
-
dB
Vct
crosstalk voltage
peak-to-peak value; between control and any
switch; RL =600 ; fi = 1 MHz; E or Sn square
wave between VCC and GND; tr =tf =6ns;
see Figure 18
VCC = 4.5 V; VEE =0 V
-
110
-
mV
VCC = 4.5 V; VEE = 4.5 V
-
220
-
mV
f(3dB)
3 dB frequency response
RL =50 ; see Figure 19
VCC = 2.25 V; VEE = 2.25 V
[2] -170
-
MHz
VCC = 4.5 V; VEE = 4.5 V
[2] -180
-
MHz
Fig 16. Test circuit for measuring sine-wave distortion
dB
001aan385
Yn/Z
10
µF
Vis
Vos
Z/Yn
CL
RL
Sn
GND
VEE
VCC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn