Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC4040DB-Q100 Datasheet(PDF) 9 Page - Nexperia B.V. All rights reserved

Part # 74HC4040DB-Q100
Description  12-stage binary ripple counter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC4040DB-Q100 Datasheet(HTML) 9 Page - Nexperia B.V. All rights reserved

Back Button 74HC4040DB-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC4040DB-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC4040DB-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC4040DB-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC4040DB-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC4040DB-Q100 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC4040DB-Q100 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74HC4040DB-Q100 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74HC4040DB-Q100 Datasheet HTML 13Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC_HCT4040_Q100
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 24 March 2014
9 of 19
Nexperia
74HC4040-Q100; 74HCT4040-Q100
12-stage binary ripple counter
[1]
tpd is the same as tPHL, tPLH.
[2]
tt is the same as tTHL, tTLH.
[3]
CPD is used to determine the dynamic power dissipation (PD in W).
PD =CPD  VCC2  fi  N+ (CL  VCC2  fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
(C
L  VCC
2
 f
o) = sum of outputs.
CPD
power
dissipation
capacitance
VI =GND to VCC
[3]
-20
-
-
-
-
-
pF
74HCT4040-Q100
tpd
propagation
delay
CP to Q0; see Figure 8
[1]
VCC = 4.5 V
-
19
40
-
50
-
60
ns
VCC =5.0 V; CL =15pF
-
16
-
-
-
-
-
ns
Qn to Qn+1; see Figure 8
VCC = 4.5 V
-
10
20
-
25
-
30
ns
VCC =5.0 V; CL =15pF
-
8
-
-
-
-
-
ns
tPHL
HIGH to LOW
propagation
delay
MR to Qn; see Figure 8
VCC = 4.5 V
-
23
45
-
56
-
68
ns
tt
transition time Qn; see Figure 8
[2]
VCC = 4.5 V
-
7
15
-
19
-
22
ns
tW
pulse width
CP input, HIGH or LOW;
see Figure 8
VCC = 4.5 V
16
7
-
20
-
24
-
ns
MR input, HIGH;
see Figure 8
VCC = 4.5 V
16
6
-
20
-
24
-
ns
trec
recovery time
MR to CP; see Figure 8
VCC = 4.5 V
10
2
-
13
-
15
-
ns
fmax
maximum
frequency
CP input; see Figure 8
VCC = 4.5 V
30
72
-
24
-
20
-
MHz
VCC =5.0 V; CL =15pF
-
79
-
-
-
-
-
MHz
CPD
power
dissipation
capacitance
VI =GND to VCC
[3]
-20
-
-
-
-
-
pF
Table 7.
Dynamic characteristics …continued
GND (ground = 0 V); CL = 50 pF unless otherwise specified; for test circuit see Figure 9.
Symbol
Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Min Typ Max
Min
Max
Min
Max


Similar Part No. - 74HC4040DB-Q100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4040DB PHILIPS-74HC4040DB Datasheet
137Kb / 24P
   12-stage binary ripple counter
Rev. 03-14 September 2005
More results

Similar Description - 74HC4040DB-Q100

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4040A ONSEMI-MC74HC4040A Datasheet
170Kb / 8P
   12-Stage Binary Ripple Counter
May, 2000 ??Rev. 3
logo
Integral Corp.
IW4040B INTEGRAL-IW4040B Datasheet
59Kb / 7P
   12-Stage Binary Ripple Counter
logo
Motorola, Inc
MC74AC4040 MOTOROLA-MC74AC4040 Datasheet
136Kb / 5P
   12-STAGE BINARY RIPPLE COUNTER
logo
Nexperia B.V. All right...
HEF4040B-Q100 NEXPERIA-HEF4040B-Q100 Datasheet
680Kb / 13P
   12-stage binary ripple counter
logo
NXP Semiconductors
74HC4040 PHILIPS-74HC4040 Datasheet
137Kb / 24P
   12-stage binary ripple counter
Rev. 03-14 September 2005
logo
Nexperia B.V. All right...
74HCT4040 NEXPERIA-74HCT4040 Datasheet
275Kb / 16P
   12-stage binary ripple counter
Rev. 7 - 26 May 2021
logo
NXP Semiconductors
74LV4040 PHILIPS-74LV4040 Datasheet
133Kb / 14P
   12-stage binary ripple counter
1998 Jun 23
logo
ON Semiconductor
MC74AC4040 ONSEMI-MC74AC4040_15 Datasheet
73Kb / 6P
   12-Stage Binary Ripple Counter
March, 2015 ??Rev. 8
MC74HC4040A ONSEMI-MC74HC4040A_14 Datasheet
123Kb / 8P
   12-Stage Binary Ripple Counter
August, 2014 ??Rev. 9
logo
Nexperia B.V. All right...
HEF4040B NEXPERIA-HEF4040B Datasheet
211Kb / 11P
   12-stage binary ripple counter
Rev. 10 - 7 December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com