Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5B46 Datasheet(PDF) 4 Page - Analog Devices

Part # 5B46
Description  Isolated, Frequency Input
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

5B46 Datasheet(HTML) 4 Page - Analog Devices

  5B46 Datasheet HTML 1Page - Analog Devices 5B46 Datasheet HTML 2Page - Analog Devices 5B46 Datasheet HTML 3Page - Analog Devices 5B46 Datasheet HTML 4Page - Analog Devices 5B46 Datasheet HTML 5Page - Analog Devices 5B46 Datasheet HTML 6Page - Analog Devices 5B46 Datasheet HTML 7Page - Analog Devices 5B46 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
5B45 / 5B46
Rev. 0 | Page 4 of 8
Power Off
40 k
Ω || 330 pF
*
Noise
Output, 100 kHz Bandwidth
0.7 mV peak-peak
*
Output, 5 MHz Bandwidth
7 mV peak-peak
*
Output Ripple
10 mV peak-peak @ (10% Fspan +F-full scale)
*
Bandwidth, -3 dB
10 Hz
190 Hz
Output Step Response Time
Refer to Model Table
*
Common-Mode Voltage (CMV)
Input-to-Output, Continuous
1500 V rms, maximum
*
Output-to-Power, Continuous3
±3 V, maximum
*
Transient
ANSI/IEEE C37.90.1-1989
*
Common-Mode Rejection (CMR)
1 k
Ω Source Imbalance, 50/60 Hz
120 dB
*
Input Protection
Continuous
240 V rms, maximum
*
Transient
ANSI/IEEE C37.90.1-1989
*
Output Resistance
50
*
Voltage Output Protection
Continuous Short to Ground
*
Output Selection Time
6 µs @ Cload = 0 to 2,000 pF
*
Output Enable Control
Max Logic "0"
+1.0 V
*
Min Logic "1"
+2.5 V
*
Max Logic "1"
+36 V
*
Input Current "0"
0.4 mA
*
Power Supply Voltage
+5 V ±5%
*
Power Supply Current
70 mA
*
Power Supply Sensitivity, RTO
±0.005% of Span/% of Vs
*
Mechanical Dimensions
2.275" x 2.375" x 0.595"
(57.8 mm x 59.1 mm x 15.1 mm)
*
Environmental
Temperature Range
Rated Performance
-40°C to +85°C
*
Operating Performance
-40°C to +85°C
*
Storage
-40°C to +85°C
*
Relative Humidity
0 to 93% @ +40°C non-condensing
*
RFI Susceptibility
±0.5% Span error @ 400 MHz, 5 Watt, 3 ft
*
* Specifications same as model 5B45.
1 Jumper selectable. Refer to Field Connection diagram.
2 Includes the combined effects of repeatability, hysteresis, and nonlinearity. Loads heavier than 50 k
will degrade nonlinearity and gain temperature coefficient.
3 The Output Common must be kept within ±3 V of Power Common.
Specifications subject to change without notice.


Similar Part No. - 5B46

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5B46 AD-5B46_15 Datasheet
702Kb / 8P
   Isolated, Frequency Input
REV. 0
More results

Similar Description - 5B46

ManufacturerPart #DatasheetDescription
logo
Analog Devices
3B45 AD-3B45 Datasheet
359Kb / 8P
   Isolated Frequency Input
REV. 0
3B45 AD-3B45_15 Datasheet
364Kb / 8P
   Isolated Frequency Input
REV. 0
5B45 AD-5B45_15 Datasheet
702Kb / 8P
   Isolated, Frequency Input
REV. 0
5B46 AD-5B46_15 Datasheet
702Kb / 8P
   Isolated, Frequency Input
REV. 0
3B46 AD-3B46_15 Datasheet
364Kb / 8P
   Isolated Frequency Input
REV. 0
logo
National Instruments Co...
NISCXI-1126 NI-NISCXI-1126 Datasheet
83Kb / 6P
   SCXI 8-Channel Isolated Frequency Input Module
logo
Central Technologies
CTDD2727DF-S1R5K-5M CT-CTDD2727DF-S1R5K-5M Datasheet
271Kb / 2P
   Wide Input Isolated
CTDD3220DF-S1R5K-3 CT-CTDD3220DF-S1R5K-3 Datasheet
278Kb / 2P
   Wide Input Isolated
logo
Analog Devices
3B37 AD-3B37 Datasheet
346Kb / 8P
   Isolated, Thermocouple Input
REV. 0
7B31 AD-7B31 Datasheet
533Kb / 8P
   Isolated Voltage Input
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com