Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT244PW-Q100 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74HCT244PW-Q100
Description  Octal buffer/line driver; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HCT244PW-Q100 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74HCT244PW-Q100 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HCT244PW-Q100 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HCT244PW-Q100 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HCT244PW-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HCT244PW-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HCT244PW-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HCT244PW-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HCT244PW-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HCT244PW-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
74HC244-Q100; 74HCT244-Q100
Octal buffer/line driver; 3-state
Rev. 2 — 27 September 2019
Product data sheet
1. General description
The 74HC244-Q100; 74HCT244-Q100 is an 8-bit buffer/line driver with 3-state outputs. The device
can be used as two 4-bit buffers or one 8-bit buffer. The device features two output enables (1OE
and 2OE), each controlling four of the 3-state outputs. A HIGH on nOE causes the outputs to
assume a high-impedance OFF-state. Inputs include clamp diodes. This enables the use of current
limiting resistors to interface inputs to voltages in excess of VCC.
This product has been qualified to the Automotive Electronics Council (AEC) standard Q100
(Grade 1) and is suitable for use in automotive applications.
2. Features and benefits
Automotive product qualification in accordance with AEC-Q100 (Grade 1)
Specified from -40 °C to +85 °C and from -40 °C to +125 °C
Input levels:
For 74HC244-Q100: CMOS level
For 74HCT244-Q100: TTL level
Octal bus interface
Non-inverting 3-state outputs
Multiple package options
Complies with JEDEC standard no. 7 A
ESD protection:
MIL-STD-883, method 3015 exceeds 2000 V
HBM JESD22-A114F exceeds 2000 V
MM JESD22-A115-A exceeds 200 V (C = 200 pF, R = 0 Ω)
3. Ordering information
Table 1. Ordering information
Package
Type number
Temperature range Name
Description
Version
74HC244D-Q100
74HCT244D-Q100
-40 °C to +125 °C
SO20
plastic small outline package; 20 leads;
body width 7.5 mm
SOT163-1
74HC244PW-Q100
74HCT244PW-Q100
-40 °C to +125 °C
TSSOP20
plastic thin shrink small outline package;
20 leads; body width 4.4 mm
SOT360-1
74HC244BQ-Q100
74HCT244BQ-Q100
-40 °C to +125 °C
DHVQFN20 plastic dual-in-line compatible thermal
enhanced very thin quad flat package; no leads;
20 terminals; body 2.5 × 4.5 × 0.85 mm
SOT764-1


Similar Part No. - 74HCT244PW-Q100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT244PW PHILIPS-74HCT244PW Datasheet
39Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74HCT244PW PHILIPS-74HCT244PW Datasheet
127Kb / 22P
   Octal buffer/line driver; 3-state
Rev. 03-22 December 2005
74HCT244PW NXP-74HCT244PW Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74HCT244PW NXP-74HCT244PW Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74HCT244PW PHILIPS-74HCT244PW Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state Rev. 4 ??24 September 2012
Rev. 4-24 September 2012
More results

Similar Description - 74HCT244PW-Q100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
74HC541D-T NXP-74HC541D-T Datasheet
55Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74LVC244APW-T NXP-74LVC244APW-T Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
logo
Nexperia B.V. All right...
74AHCV244A NEXPERIA-74AHCV244A Datasheet
202Kb / 15P
   Octal buffer/line driver 3-state
74VHC244 NEXPERIA-74VHC244 Datasheet
608Kb / 16P
   Octal buffer/line driver; 3-state
74VHC541-Q100 NEXPERIA-74VHC541-Q100 Datasheet
714Kb / 17P
   Octal buffer/line driver; 3-state
74HC541-Q100 NEXPERIA-74HC541-Q100 Datasheet
742Kb / 17P
   Octal buffer/line driver; 3-state
74AHC541-Q100 NEXPERIA-74AHC541-Q100 Datasheet
717Kb / 17P
   Octal buffer/line driver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com