Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC132BQ-Q100 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part No. 74HC132BQ-Q100
Description  Quad 2-input NAND Schmitt trigger
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEXPERIA [Nexperia B.V. All rights reserved]
Homepage  https://www.nexperia.com/
Logo 

74HC132BQ-Q100 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

 
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Nexperia
74HC132-Q100; 74HCT132-Q100
Quad 2-input NAND Schmitt trigger
5 Functional diagram
mna407
1A
1Y
1
3
1B
2
2A
2Y
4
6
2B
5
3A
3Y
9
8
3B
10
4A
4Y
12
11
4B
13
Figure 1. Logic symbol
2
3
&
1
5
6
&
4
10
8
&
9
mna408
13
11
&
12
Figure 2. IEC logic symbol
mna409
A
Y
B
Figure 3. Logic diagram
(one Schmitt trigger)
6 Pinning information
6.1 Pinning
1A
VCC
1B
4B
1Y
4A
2A
4Y
2B
3B
2Y
3A
GND
3Y
aaa-003901
1
2
3
4
5
6
7
8
10
9
12
11
14
13
74HC132-Q100
74HCT132-Q100
Figure 4. Pin configuration SOT108-1 (SO14) and
SOT402-1 (TSSOP14)
aaa-028548
74HC132-Q100
GND(1)
Transparent top view
2Y
3A
2B
3B
2A
4Y
1Y
4A
1B
4B
6
9
5
10
4
11
3
12
2
13
terminal 1
index area
(1) This is not a supply pin. The substrate is attached to
this pad using conductive die attach material. There is no
electrical or mechanical requirement to solder this pad.
However, if it is soldered, the solder land should remain
floating or be connected to GND.
Figure 5. Pin configuration SOT762-1 (DHVQFN14)
74HC_HCT132_Q100
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved.
Product data sheet
Rev. 4 — 12 June 2018
2 / 19


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn