Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC132BQ-Q100 Datasheet(PDF) 11 Page - Nexperia B.V. All rights reserved

Part No. 74HC132BQ-Q100
Description  Quad 2-input NAND Schmitt trigger
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEXPERIA [Nexperia B.V. All rights reserved]
Homepage  https://www.nexperia.com/
Logo 

74HC132BQ-Q100 Datasheet(HTML) 11 Page - Nexperia B.V. All rights reserved

Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Nexperia
74HC132-Q100; 74HCT132-Q100
Quad 2-input NAND Schmitt trigger
VCC (V)
0
6
4
2
aaa-003897
400
300
200
100
average
ICC
(µA)
0
positive-going
edge
negative-going
edge
Figure 12. Average additional supply current as a function of VCC for 74HC132-Q100;
linear change of VI between 0.1VCC to 0.9VCC.
VCC (V)
0
6
4
2
aaa-003899
500
400
300
200
100
average
ICC
(µA)
0
positive-going
edge
negative-going
edge
Figure 13. Average additional supply current as a function of VCC for 74HCT132-Q100;
linear change of VI between 0.1VCC to 0.9VCC.
74HC_HCT132_Q100
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved.
Product data sheet
Rev. 4 — 12 June 2018
11 / 19


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn