Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC132BQ-Q100 Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part No. 74HC132BQ-Q100
Description  Quad 2-input NAND Schmitt trigger
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEXPERIA [Nexperia B.V. All rights reserved]
Homepage  https://www.nexperia.com/
Logo 

74HC132BQ-Q100 Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Nexperia
74HC132-Q100; 74HCT132-Q100
Quad 2-input NAND Schmitt trigger
VIN (V)
0
5
2
1
4
3
aaa-003893
0.6
0.9
0.3
1.2
1.5
ICC
(mA)
0
a. VCC = 4.5 V
VIN (V)
0
6
1
2
3
4
5
aaa-003895
1.8
1.5
1.2
0.9
0.6
0.3
ICC
(mA)
0
b. VCC = 5.5 V
Figure 11. Typical 74HCT132-Q100 transfer characteristics
13 Application information
The slow input rise and fall times cause additional power dissipation, this can be
calculated using the following formula:
Padd = fi × (tr × ΔICC(AV) + tf × ΔICC(AV)) × VCC where:
Padd = additional power dissipation (μW);
fi = input frequency (MHz);
tr = rise time (ns); 10 % to 90 %;
ΔICC(AV) = average additional supply current (μA).
tf = fall time (ns); 90 % to 10 %;
Average ΔICC(AV) differs with positive or negative input transitions, as shown in Figure 12
and Figure 13.
An example of a relaxation circuit using the 74HC132-Q100; 74HCT132-Q100 is shown
in Figure 14.
74HC_HCT132_Q100
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved.
Product data sheet
Rev. 4 — 12 June 2018
10 / 19


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn