Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC132BQ-Q100 Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part No. 74HC132BQ-Q100
Description  Quad 2-input NAND Schmitt trigger
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEXPERIA [Nexperia B.V. All rights reserved]
Homepage  https://www.nexperia.com/
Logo 

74HC132BQ-Q100 Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Nexperia
74HC132-Q100; 74HCT132-Q100
Quad 2-input NAND Schmitt trigger
12 Transfer characteristics
Table 10. Transfer characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); for waveforms see Figure 8 to
Figure 11.
Tamb = 25 °C
Tamb = −40 °C
to +85 °C
Tamb = −40 °C
to +125 °C
Symbol Parameter
Conditions
Min
Typ
Max
Min
Max
Min
Max
Unit
74HC132-Q100
VCC = 2.0 V
0.7
1.18
1.5
0.7
1.5
0.7
1.5
V
VCC = 4.5 V
1.7
2.38
3.15
1.7
3.15
1.7
3.15 V
VT+
positive-going threshold
voltage
VCC = 6.0 V
2.1
3.14
4.2
2.1
4.2
2.1
4.2
V
VCC = 2.0 V
0.3
0.63
1.0
0.3
1.0
0.3
1.0
V
VCC = 4.5 V
0.9
1.67
2.2
0.9
2.2
0.9
2.2
V
VT-
negative-going threshold
voltage
VCC = 6.0 V
1.2
2.26
3.0
1.2
3.0
1.2
3.0
V
VCC = 2.0 V
0.2
0.55
1.0
0.2
1.0
0.2
1.0
V
VCC = 4.5 V
0.4
0.71
1.4
0.4
1.4
0.4
1.4
V
VH
hysteresis voltage
VCC = 6.0 V
0.6
0.88
1.6
0.6
1.6
0.6
1.6
V
74HCT132-Q100
VCC = 4.5 V
1.2
1.41
1.9
1.2
1.9
1.2
1.9
V
VT+
positive-going threshold
voltage
VCC = 5.5 V
1.4
1.59
2.1
1.4
2.1
1.4
2.1
V
VCC = 4.5 V
0.5
0.85
1.2
0.5
1.2
0.5
1.2
V
VT-
negative-going threshold
voltage
VCC = 5.5 V
0.6
0.99
1.4
0.6
1.4
0.6
1.4
V
VCC = 4.5 V
0.4
0.56
-
0.4
-
0.4
-
V
VH
hysteresis voltage
VCC = 5.5 V
0.4
0.60
-
0.4
-
0.4
-
V
12.1 Transfer characteristics waveforms
mna207
VO
VI
VH
VT+
VT-
Figure 8. Transfer characteristics
mna208
VO
VI
VH
VT+
VT-
Figure 9. Transfer characteristics definitions
74HC_HCT132_Q100
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved.
Product data sheet
Rev. 4 — 12 June 2018
8 / 19


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn