Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC132BQ-Q100 Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part No. 74HC132BQ-Q100
Description  Quad 2-input NAND Schmitt trigger
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEXPERIA [Nexperia B.V. All rights reserved]
Homepage  https://www.nexperia.com/
Logo 

74HC132BQ-Q100 Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Nexperia
74HC132-Q100; 74HCT132-Q100
Quad 2-input NAND Schmitt trigger
25 °C
−40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ
Max
Max
(85 °C)
Max
(125 °C)
Unit
74HCT132-Q100
nA, nB to nY; see Figure 6
[1]
VCC = 4.5 V
-
20
33
41
50
ns
tpd
propagation delay
VCC = 5.0 V; CL = 15 pF
-
17
-
-
-
ns
tt
transition time
VCC = 4.5 V; see Figure 6
[2]
-
7
15
19
22
ns
CPD
power dissipation
capacitance
per package;
VI = GND to VCC - 1.5 V
[3]
-
20
-
-
-
pF
[1] tpd is the same as tPHL and tPLH.
[2] tt is the same as tTHL and tTLH.
[3] CPD is used to determine the dynamic power dissipation (PD in μW):
PD = CPD × VCC2 × fi × N + ∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
∑ (CL × VCC2 × fo) = sum of outputs.
11.1 Waveforms and test circuit
001aai814
nA, nB input
VI
GND
VOH
VOL
nY output
tTHL
tTLH
VM
VM
VX
VY
tPHL
tPLH
Measurement points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
Figure 6. Input to output propagation delays
Table 8. Measurement points
Input
Output
Type
VM
VM
VX
VY
74HC132-Q100
0.5VCC
0.5VCC
0.1VCC
0.9VCC
74HCT132-Q100
1.3 V
1.3 V
0.1VCC
0.9VCC
74HC_HCT132_Q100
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved.
Product data sheet
Rev. 4 — 12 June 2018
6 / 19


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn