Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC132BQ-Q100 Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part No. 74HC132BQ-Q100
Description  Quad 2-input NAND Schmitt trigger
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEXPERIA [Nexperia B.V. All rights reserved]
Homepage  https://www.nexperia.com/
Logo 

74HC132BQ-Q100 Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

 
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Nexperia
74HC132-Q100; 74HCT132-Q100
Quad 2-input NAND Schmitt trigger
25 °C
-40 °C to
+85 °C
-40 °C to
+125 °C
Symbol Parameter
Conditions
Min
Typ
Max
Min
Max
Min
Max
Unit
74HCT132-Q100
VI = VT+ or VT-; VCC = 4.5 V
IO = -20 μA
4.4
4.5
-
4.4
-
4.4
-
V
VOH
HIGH-level output
voltage
IO = -4.0 mA
3.98
4.32
-
3.84
-
3.7
-
V
VI = VT+ or VT-; VCC = 4.5 V
IO = 20 μA;
-
0
0.1
-
0.1
-
0.1
V
VOL
LOW-level output
voltage
IO = 4.0 mA;
-
0.15
0.26
-
0.33
-
0.4
V
II
input leakage
current
VI = VCC or GND; VCC = 5.5 V
-
-
±0.1
-
±1.0
-
±1.0 μA
ICC
supply current
VI = VCC or GND; IO = 0 A;
VCC = 5.5 V
-
-
2.0
-
20
-
40
μA
ΔICC
additional supply
current
per input pin; VI = VCC - 2.1 V;
other inputs at VCC or GND;
IO = 0 A; VCC = 4.5 V to 5.5 V
-
30
108
-
135
-
147 μA
CI
input capacitance
-
3.5
-
-
-
-
-
pF
11 Dynamic characteristics
Table 7. Dynamic characteristics
GND = 0 V; CL = 50 pF; for test circuit see Figure 7.
25 °C
−40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ
Max
Max
(85 °C)
Max
(125 °C)
Unit
74HC132-Q100
nA, nB to nY; see Figure 6
[1]
VCC = 2.0 V
-
36
125
155
190
ns
VCC = 4.5 V
-
13
25
31
38
ns
VCC = 5.0 V; CL = 15 pF
-
11
-
-
-
ns
tpd
propagation delay
VCC = 6.0 V
-
10
21
26
32
ns
see Figure 6
[2]
VCC = 2.0 V
-
19
75
95
110
ns
VCC = 4.5 V
-
7
15
19
22
ns
tt
transition time
VCC = 6.0 V
-
6
13
16
19
ns
CPD
power dissipation
capacitance
per package; VI = GND to VCC
[3]
-
24
-
-
-
pF
74HC_HCT132_Q100
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved.
Product data sheet
Rev. 4 — 12 June 2018
5 / 19


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn