Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC132BQ-Q100 Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part No. 74HC132BQ-Q100
Description  Quad 2-input NAND Schmitt trigger
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEXPERIA [Nexperia B.V. All rights reserved]
Homepage  https://www.nexperia.com/
Logo 

74HC132BQ-Q100 Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

 
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Nexperia
74HC132-Q100; 74HCT132-Q100
Quad 2-input NAND Schmitt trigger
6.2 Pin description
Table 2. Pin description
Symbol
Pin
Description
1A to 4A
1, 4, 9, 12
data input
1B to 4B
2, 5, 10, 13
data input
1Y to 4Y
3, 6, 8, 11
data output
GND
7
ground (0 V)
VCC
14
supply voltage
7 Functional description
Table 3. Function table [1]
Input
Output
nA
nB
nY
L
L
H
L
H
H
H
L
H
H
H
L
[1] H = HIGH voltage level; L = LOW voltage level; X = don’t care.
8 Limiting values
Table 4. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
-0.5
+7
V
IIK
input clamping current
VI < -0.5 V or VI > VCC + 0.5 V
[1]
-
±20
mA
IOK
output clamping current
VO < -0.5 V or VO > VCC + 0.5 V
[1]
-
±20
mA
IO
output current
-0.5 V < VO < VCC + 0.5 V
-
±25
mA
ICC
supply current
-
50
mA
IGND
ground current
-50
-
mA
Tstg
storage temperature
-65
+150 °C
Ptot
total power dissipation
SO14, TSSOP14 and DHVQFN14 packages
[2]
-
500
mW
[1] The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2] For SO14 package: Ptot derates linearly with 8 mW/K above 70 °C.
For TSSOP14 packages: Ptot derates linearly with 5.5 mW/K above 60 °C.
For DHVQFN14 packages: Ptot derates linearly with 4.5 mW/K above 60 °C.
74HC_HCT132_Q100
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved.
Product data sheet
Rev. 4 — 12 June 2018
3 / 19


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn