Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74VHC244 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part No. 74VHC244
Description  Octal buffer/line driver; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEXPERIA [Nexperia B.V. All rights reserved]
Homepage  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74VHC244 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74VHC244 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74VHC244 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74VHC244 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74VHC244 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74VHC244 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74VHC244 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74VHC244 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74VHC244 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74VHC244 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1.
General description
The 74VHC244; 74VHCT244 are a high-speed Si-gate CMOS devices.
The 74VHC244; 74VHCT244 have octal non-inverting buffer/line drivers with 3-state
outputs. The 3-state outputs are controlled by the output enable inputs (nOE). A HIGH on
nOE causes the outputs to assume a high-impedance OFF-state.
2.
Features
I Balanced propagation delays
I All inputs have a Schmitt-trigger action
I Inputs accepts voltages higher than VCC
I Input levels:
N The 74VHC244 operates with CMOS input level
N The 74VHCT244 operates with TTL input level
I ESD protection:
N HBM JESD22-A114E exceeds 2000 V
N MM JESD22-A115-A exceeds 200 V
N CDM JESD22-C101C exceeds 1000 V
I Multiple package options
I Specified from −40 °C to +85 °C and from −40 °C to +125 °C
3.
Ordering information
74VHC244; 74VHCT244
Octal buffer/line driver; 3-state
Rev. 01 — 17 August 2009
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74VHC244D
−40 °C to +125 °C
SO20
plastic small outline package; 20 leads;
body width 7.5 mm
SOT163-1
74VHCT244D
74VHC244PW
−40 °C to +125 °C
TSSOP20
plastic thin shrink small outline package; 20 leads;
body width 4.4 mm
SOT360-1
74VHCT244PW
74VHC244BQ
−40 °C to +125 °C
DHVQFN20
plastic dual-in-line compatible thermal enhanced
very thin quad flat package; no leads; 20 terminals;
body 2.5
× 4.5 × 0.85 mm
SOT764-1
74VHCT244BQ


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn