Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74VHCT32BQ Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part No. 74VHCT32BQ
Description  Quad 2-input OR gate
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEXPERIA [Nexperia B.V. All rights reserved]
Homepage  https://www.nexperia.com/
Logo 

74VHCT32BQ Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

 
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
74VHC_VHCT32_1
Product data sheet
Rev. 01 — 13 August 2009
2 of 14
Nexperia
74VHC32; 74VHCT32
Quad 2-input OR gate
4.
Functional diagram
5.
Pinning information
5.1 Pinning
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
mna242
1A
1B
1Y
2
1
3
2A
2B
2Y
5
4
6
3A
3B
3Y
10
9
8
4A
4B
4Y
13
12
11
mna243
3
≥1
≥1
≥1
≥1
2
1
6
5
4
8
10
9
11
13
12
Fig 3.
Logic diagram (one gate)
mna241
A
B
Y
(1) The die substrate is attached to this pad using
conductive die attach material. It can not be used as
a supply pin or input.
Fig 4.
Pin configuration SO14 and TSSOP14
Fig 5.
Pin configuration DHVQFN14
74VHC32
74VHCT32
1A
VCC
1B
4B
1Y
4A
2A
4Y
2B
3B
2Y
3A
GND
3Y
001aak054
1
2
3
4
5
6
7
8
10
9
12
11
14
13
001aak055
74VHC32
74VHCT32
Transparent top view
2Y
3A
2B
3B
2A
4Y
1Y
4A
1B
4B
6
9
5
10
4
11
3
12
2
13
terminal 1
index area
GND(1)
© Nexperia B.V. 2017. All rights reserved


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn