Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74VHCT32BQ Datasheet(PDF) 11 Page - Nexperia B.V. All rights reserved

Part No. 74VHCT32BQ
Description  Quad 2-input OR gate
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEXPERIA [Nexperia B.V. All rights reserved]
Homepage  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74VHCT32BQ Datasheet(HTML) 11 Page - Nexperia B.V. All rights reserved

Back Button 74VHCT32BQ Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74VHCT32BQ Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74VHCT32BQ Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74VHCT32BQ Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74VHCT32BQ Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74VHCT32BQ Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74VHCT32BQ Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74VHCT32BQ Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74VHCT32BQ Datasheet HTML 14Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
74VHC_VHCT32_1
Product data sheet
Rev. 01 — 13 August 2009
11 of 14
Nexperia
74VHC32; 74VHCT32
Quad 2-input OR gate
Fig 10. Package outline SOT762-1 (DHVQFN14)
terminal 1
index area
0.5
1
A1
Eh
b
UNIT
y
e
0.2
c
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
3.1
2.9
Dh
1.65
1.35
y1
2.6
2.4
1.15
0.85
e1
2
0.30
0.18
0.05
0.00
0.05
0.1
DIMENSIONS (mm are the original dimensions)
SOT762-1
MO-241
- - -
- - -
0.5
0.3
L
0.1
v
0.05
w
0
2.5
5 mm
scale
SOT762-1
DHVQFN14: plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads;
14 terminals; body 2.5 x 3 x 0.85 mm
A(1)
max.
A
A1
c
detail X
y
y1 C
e
L
Eh
Dh
e
e1
b
26
13
9
8
7
1
14
X
D
E
C
B
A
02-10-17
03-01-27
terminal 1
index area
A
C
C
B
v M
w M
E(1)
Note
1. Plastic or metal protrusions of 0.075 mm maximum per side are not included.
D(1)
© Nexperia B.V. 2017. All rights reserved


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn