Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74VHCT32BQ Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part No. 74VHCT32BQ
Description  Quad 2-input OR gate
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEXPERIA [Nexperia B.V. All rights reserved]
Homepage  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74VHCT32BQ Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button 74VHCT32BQ Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74VHCT32BQ Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74VHCT32BQ Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74VHCT32BQ Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74VHCT32BQ Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74VHCT32BQ Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74VHCT32BQ Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74VHCT32BQ Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74VHCT32BQ Datasheet HTML 14Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
74VHC_VHCT32_1
Product data sheet
Rev. 01 — 13 August 2009
10 of 14
Nexperia
74VHC32; 74VHCT32
Quad 2-input OR gate
Fig 9.
Package outline SOT402-1 (TSSOP14)
UNIT
A1
A2
A3
bp
cD (1)
E (2)
(1)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.15
0.05
0.95
0.80
0.30
0.19
0.2
0.1
5.1
4.9
4.5
4.3
0.65
6.6
6.2
0.4
0.3
0.72
0.38
8
0
o
o
0.13
0.1
0.2
1
DIMENSIONS (mm are the original dimensions)
Notes
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic interlead protrusions of 0.25 mm maximum per side are not included.
0.75
0.50
SOT402-1
MO-153
99-12-27
03-02-18
w M
b p
D
Z
e
0.25
17
14
8
θ
A
A1
A2
L p
Q
detail X
L
(A )
3
HE
E
c
v M A
X
A
y
0
2.5
5 mm
scale
TSSOP14: plastic thin shrink small outline package; 14 leads; body width 4.4 mm
SOT402-1
A
max.
1.1
pin 1 index
© Nexperia B.V. 2017. All rights reserved


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn