Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74VHCT32BQ Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part No. 74VHCT32BQ
Description  Quad 2-input OR gate
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEXPERIA [Nexperia B.V. All rights reserved]
Homepage  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74VHCT32BQ Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74VHCT32BQ Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74VHCT32BQ Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74VHCT32BQ Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74VHCT32BQ Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74VHCT32BQ Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74VHCT32BQ Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74VHCT32BQ Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74VHCT32BQ Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74VHCT32BQ Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1.
General description
The 74VHC32; 74VHCT32 are high-speed Si-gate CMOS devices and are pin compatible
with Low-power Schottky TTL (LSTTL). They are specified in compliance with JEDEC
standard No. 7-A.
The 74VHC32; 74VHCT32 provide the 2-input OR function.
2.
Features
I Balanced propagation delays
I All inputs have Schmitt-trigger actions
I Inputs accept voltages higher than VCC
I Input levels:
N The 74VHC32 operates with CMOS input level
N The 74VHCT32 operates with TTL input level
I ESD protection:
N HBM JESD22-A114E exceeds 2000 V
N MM JESD22-A115-A exceeds 200 V
N CDM JESD22-C101C exceeds 1000 V
I Multiple package options
I Specified from −40 °C to +85 °C and from −40 °C to +125 °C
3.
Ordering information
74VHC32; 74VHCT32
Quad 2-input OR gate
Rev. 01 — 13 August 2009
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range Name
Description
Version
74VHC32D
−40 °C to +125 °C
SO14
plastic small outline package; 14 leads;
body width 3.9 mm
SOT108-1
74VHCT32D
74VHC32PW
−40 °C to +125 °C
TSSOP14
plastic thin shrink small outline package; 14 leads;
body width 4.4 mm
SOT402-1
74VHCT32PW
74VHC32BQ
−40 °C to +125 °C
DHVQFN14
plastic dual in-line compatible thermal enhanced very
thin quad flat package; no leads; 14 terminals;
body 2.5
× 3 × 0.85 mm
SOT762-1
74VHCT32BQ


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn