Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74VHCT32BQ Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part No. 74VHCT32BQ
Description  Quad 2-input OR gate
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEXPERIA [Nexperia B.V. All rights reserved]
Homepage  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74VHCT32BQ Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button 74VHCT32BQ Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74VHCT32BQ Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74VHCT32BQ Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74VHCT32BQ Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74VHCT32BQ Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74VHCT32BQ Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74VHCT32BQ Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74VHCT32BQ Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74VHCT32BQ Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
74VHC_VHCT32_1
Product data sheet
Rev. 01 — 13 August 2009
6 of 14
Nexperia
74VHC32; 74VHCT32
Quad 2-input OR gate
10. Dynamic characteristics
74VHCT32
VIH
HIGH-level
input voltage
VCC = 4.5 V to 5.5 V
2.0
-
-
2.0
-
2.0
-
V
VIL
LOW-level
input voltage
VCC = 4.5 V to 5.5 V
-
-
0.8
-
0.8
-
0.8
V
VOH
HIGH-level
output voltage
VI =VIH or VIL; VCC = 4.5 V
IO = −50 µA
4.4
4.5
-
4.4
-
4.4
-
V
IO = −8.0 mA
3.94
-
-
3.80
-
3.70
-
V
VOL
LOW-level
output voltage
VI =VIH or VIL; VCC = 4.5 V
IO =50 µA
-
0
0.1
-
0.1
-
0.1
V
IO = 8.0 mA
-
-
0.36
-
0.44
-
0.55
V
II
input leakage
current
VI = 5.5 V or GND;
VCC = 0 V to 5.5 V
-
-
0.1
-
1.0
-
2.0
µA
ICC
supply current
VI =VCC or GND; IO =0A;
VCC = 5.5 V
-
-
2.0
-
20
-
40
µA
∆ICC
additional
supply current
per input pin;
VI =VCC − 2.1 V; other pins
at VCC or GND; IO =0A;
VCC = 4.5 V to 5.5 V
-
-
1.35
-
1.5
-
1.5
mA
CI
input
capacitance
VI =VCC or GND
-
3
10
-
10
-
10
pF
CO
output
capacitance
-
4
-
-
---
pF
Table 6.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
25
°C
−40 °Cto+85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Max
Table 7.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 7.
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ[1] Max
Min
Max
Min
Max
74VHC32
tpd
propagation
delay
nA, nB to nY; see Figure 6
[2]
VCC = 3.0 V to 3.6 V
CL = 15 pF
-
3.9
7.9
1.0
9.5
1.0
10.0
ns
CL = 50 pF
-
5.6
11.4
1.0
13
1.0
14.5
ns
VCC = 4.5 V to 5.5 V
CL = 15 pF
-
2.8
5.5
1.0
6.5
1.0
7.0
ns
CL = 50 pF
-
4.1
7.5
1.0
8.5
1.0
9.5
ns
CPD
power
dissipation
capacitance
fi = 1 MHz; VI = GND to VCC
[3]
-10
-
-
-
-
-
pF
© Nexperia B.V. 2017. All rights reserved


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn