Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74VHCT32BQ Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part No. 74VHCT32BQ
Description  Quad 2-input OR gate
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEXPERIA [Nexperia B.V. All rights reserved]
Homepage  https://www.nexperia.com/
Logo 

74VHCT32BQ Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

 
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
74VHC_VHCT32_1
Product data sheet
Rev. 01 — 13 August 2009
4 of 14
Nexperia
74VHC32; 74VHCT32
Quad 2-input OR gate
7.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For SO14 packages: above 70
°C the value of P
tot derates linearly at 8 mW/K.
For TSSOP14 packages: above 60
°C the value of P
tot derates linearly at 5.5 mW/K.
For DHVQFN14 packages: above 60
°C the value of P
tot derates linearly at 4.5 mW/K.
8.
Recommended operating conditions
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+7.0
V
VI
input voltage
−0.5
+7.0
V
IIK
input clamping current
VI < −0.5 V
[1]
−20
-
mA
IOK
output clamping current
VO < −0.5 V or VO > VCC + 0.5 V
[1]
−20
+20
mA
IO
output current
VO = −0.5 V to (VCC + 0.5 V)
−25
+25
mA
ICC
supply current
-
+75
mA
IGND
ground current
−75
-
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 °C to +125 °C
[2] -
500
mW
Table 5.
Operating conditions
Symbol Parameter
Conditions
Min
Typ
Max
Unit
74VHC32
VCC
supply voltage
2.0
5.0
5.5
V
VI
input voltage
0
-
5.5
V
VO
output voltage
0
-
VCC
V
Tamb
ambient temperature
−40
+25
+125
°C
∆t/∆V
input transition rise and fall rate
VCC = 3.0 V to 3.6 V
-
-
100
ns/V
VCC = 4.5 V to 5.5 V
-
-
20
ns/V
74VHCT32
VCC
supply voltage
4.5
5.0
5.5
V
VI
input voltage
0
-
5.5
V
VO
output voltage
0
-
VCC
V
Tamb
ambient temperature
−40
+25
+125
°C
∆t/∆V
input transition rise and fall rate
VCC = 4.5 V to 5.5 V
-
-
20
ns/V
© Nexperia B.V. 2017. All rights reserved


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn