Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74VHCT32BQ Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part No. 74VHCT32BQ
Description  Quad 2-input OR gate
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEXPERIA [Nexperia B.V. All rights reserved]
Homepage  https://www.nexperia.com/
Logo 

74VHCT32BQ Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

 
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
74VHC_VHCT32_1
Product data sheet
Rev. 01 — 13 August 2009
3 of 14
Nexperia
74VHC32; 74VHCT32
Quad 2-input OR gate
5.2 Pin description
6.
Functional description
[1]
H = HIGH voltage level;
L = LOW voltage level;
X = don’t care.
Table 2.
Pin description
Symbol
Pin
Description
1A
1
data input
1B
2
data input
1Y
3
data output
2A
4
data input
2B
5
data input
2Y
6
data output
GND
7
ground (0 V)
3Y
8
data output
3A
9
data input
3B
10
data input
4Y
11
data output
4A
12
data input
4B
13
data input
VCC
14
supply voltage
Table 3.
Function table[1]
Input
Output
nA
nB
nY
LLL
XH
H
HX
H
© Nexperia B.V. 2017. All rights reserved


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn