Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VHCT32D Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # 74VHCT32D
Description  Quad 2-input OR gate
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74VHCT32D Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  74VHCT32D Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74VHCT32D Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74VHCT32D Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74VHCT32D Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74VHCT32D Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74VHCT32D Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74VHCT32D Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74VHCT32D Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74VHCT32D Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
74VHC_VHCT32_1
Product data sheet
Rev. 01 — 13 August 2009
3 of 14
Nexperia
74VHC32; 74VHCT32
Quad 2-input OR gate
5.2 Pin description
6.
Functional description
[1]
H = HIGH voltage level;
L = LOW voltage level;
X = don’t care.
Table 2.
Pin description
Symbol
Pin
Description
1A
1
data input
1B
2
data input
1Y
3
data output
2A
4
data input
2B
5
data input
2Y
6
data output
GND
7
ground (0 V)
3Y
8
data output
3A
9
data input
3B
10
data input
4Y
11
data output
4A
12
data input
4B
13
data input
VCC
14
supply voltage
Table 3.
Function table[1]
Input
Output
nA
nB
nY
LLL
XH
H
HX
H
© Nexperia B.V. 2017. All rights reserved


Similar Part No. - 74VHCT32D

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74VHCT32D-Q100 NEXPERIA-74VHCT32D-Q100 Datasheet
703Kb / 15P
   Quad 2-input OR gate
More results

Similar Description - 74VHCT32D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4071BP TOSHIBA-TC4071BP Datasheet
181Kb / 5P
   QUAD 2 INPUT OR GATE
logo
Intersil Corporation
CD54AC32 INTERSIL-CD54AC32 Datasheet
14Kb / 1P
   Quad 2-Input OR Gate
June 1997
logo
National Semiconductor ...
54F32 NSC-54F32 Datasheet
128Kb / 6P
   Quad 2-Input OR Gate
logo
Motorola, Inc
SN54LS32 MOTOROLA-SN54LS32 Datasheet
121Kb / 4P
   QUAD 2-INPUT OR GATE
logo
ON Semiconductor
MC74HC32A ONSEMI-MC74HC32A Datasheet
129Kb / 8P
   Quad 2-Input OR Gate
March, 2000 ??Rev. 7
logo
NXP Semiconductors
74ALS32 PHILIPS-74ALS32 Datasheet
97Kb / 8P
   Quad 2-Input OR gate
1991 Feb 08
logo
ON Semiconductor
MC74AC32 ONSEMI-MC74AC32 Datasheet
138Kb / 9P
   QUAD 2-INPUT OR GATE
October, 2006 ??Rev. 7
logo
Integral Corp.
IN74VHCT32 INTEGRAL-IN74VHCT32 Datasheet
253Kb / 6P
   Quad 2-Input OR Gate
logo
STMicroelectronics
74AC32 STMICROELECTRONICS-74AC32 Datasheet
70Kb / 8P
   QUAD 2-INPUT OR GATE
74LVQ32 STMICROELECTRONICS-74LVQ32 Datasheet
56Kb / 8P
   QUAD 2-INPUT OR GATE
February 1999
logo
System Logic Semiconduc...
SL74HC32 SLS-SL74HC32 Datasheet
35Kb / 4P
   Quad 2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com