Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC74-Q100 Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part No. 74HC74-Q100
Description  Dual D-type flip-flop with set and reset; positive edge-trigger
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC74-Q100 Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button 74HC74-Q100 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC74-Q100 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC74-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC74-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC74-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC74-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC74-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC74-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC74-Q100 Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC_HCT74_Q100
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 3 — 4 December 2015
6 of 19
Nexperia
74HC74-Q100; 74HCT74-Q100
Dual D-type flip-flop with set and reset; positive edge-trigger
[1]
All typical values are measured at Tamb =25 C.
VIL
LOW-level
input voltage
VCC = 2.0 V
-
0.8
0.5
-
0.5
V
VCC = 4.5 V
-
2.1
1.35
-
1.35
V
VCC = 6.0 V
-
2.8
1.8
-
1.8
V
VOH
HIGH-level
output voltage
VI =VIH or VIL
IO = 4.0 mA; VCC = 4.5 V
3.84
4.32
-
3.7
-
V
IO = 5.2 mA; VCC = 6.0 V
5.34
5.81
-
5.2
-
V
VOL
LOW-level
output voltage
VI =VIH or VIL
IO =4.0 mA; VCC = 4.5 V
-
0.15
0.33
-
0.4
V
IO =5.2 mA; VCC = 6.0 V
-
0.16
0.33
-
0.4
V
II
input leakage
current
VI =VCC or GND;
VCC =6.0 V
--
1.0
-
1.0
A
ICC
supply current
VI =VCC or GND; IO =0A;
VCC =6.0 V
--
40
-
80
A
CI
input
capacitance
-3.5
-
-
-
pF
74HCT74-Q100
VIH
HIGH-level
input voltage
VCC = 4.5 V to 5.5 V
2.0
1.6
-
2.0
-
V
VIL
LOW-level
input voltage
VCC = 4.5 V to 5.5 V
-
1.2
0.8
-
0.8
V
VOH
HIGH-level
output voltage
VI =VIH or VIL; VCC =4.5 V
IO = 4 mA
3.84
4.32
-
3.7
-
V
VOL
LOW-level
output voltage
VI =VIH or VIL; VCC =4.5 V
IO = 4.0 mA
-
0.15
0.33
-
0.4
V
II
input leakage
current
VI =VCC or GND;
VCC =5.5 V
--
1.0
-
1.0
A
ICC
supply current
VI =VCC or GND; IO =0A;
VCC =5.5 V
--
40
-
80
A
I
CC
additional
supply current
VI =VCC  2.1 V;
other inputs at VCC or GND;
VCC = 4.5 V to 5.5 V;
IO =0A
per input pin; nD, nRD
inputs
-
70
315
-
343
A
per input pin; nSD, nCP
input
-
80
360
-
392
A
CI
input
capacitance
-3.5
-
-
-
pF
Table 7.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Tamb = 40 C to +85 C
Tamb = 40 C to +125 C
Unit
Min
Typ[1]
Max
Min
Max


Similar Part No. - 74HC74-Q100

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
74HC74 PHILIPS-74HC74 Datasheet
120Kb / 22P
   Dual D-type flip-flop with set and reset; positive-edge trigger
2003 Jul 10
ON Semiconductor
ON Semiconductor
74HC74 ONSEMI-74HC74 Datasheet
133Kb / 8P
   Dual D Flip?묯lop with Set and Reset High?뭁erformance Silicon?묰ate CMOS
February, 2007 ??Rev. 0
NXP Semiconductors
NXP Semiconductors
74HC74 NXP-74HC74 Datasheet
175Kb / 21P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
74HC74 PHILIPS-74HC74 Datasheet
175Kb / 21P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
74HC74 NXP-74HC74 Datasheet
175Kb / 21P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
More results

Similar Description - 74HC74-Q100

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
74LVC74A PHILIPS-74LVC74A Datasheet
99Kb / 10P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Jun 17
Integral Corp.
Integral Corp.
IN74LV74 INTEGRAL-IN74LV74 Datasheet
161Kb / 7P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Nexperia B.V. All rights reserved
Nexperia B.V. All right...
74LVC74A-Q100 NEXPERIA-74LVC74A-Q100 Datasheet
722Kb / 18P
   Dual D-type flip-flop with set and reset; positive-edge trigger
NXP Semiconductors
NXP Semiconductors
74LV74 PHILIPS-74LV74 Datasheet
125Kb / 12P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Apr 20
74HC74D-T NXP-74HC74D-T Datasheet
125Kb / 22P
   Dual D-type flip-flop with set and reset; positive-edge trigger
2003 Jul 10
74HC74DB118 PHILIPS-74HC74DB118 Datasheet
175Kb / 21P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
74HC74N652 PHILIPS-74HC74N652 Datasheet
193Kb / 22P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
74HCT74D-T NXP-74HCT74D-T Datasheet
175Kb / 21P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
74HC74 NXP-74HC74 Datasheet
175Kb / 21P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
Nexperia B.V. All rights reserved
Nexperia B.V. All right...
74AHC74-Q100 NEXPERIA-74AHC74-Q100 Datasheet
752Kb / 19P
   Dual D-type flip-flop with set and reset positive-edge trigger
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz