Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC47M112 Datasheet(PDF) 49 Page - SMSC Corporation

Part # LPC47M112
Description  ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
Download  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M112 Datasheet(HTML) 49 Page - SMSC Corporation

Back Button LPC47M112 Datasheet HTML 45Page - SMSC Corporation LPC47M112 Datasheet HTML 46Page - SMSC Corporation LPC47M112 Datasheet HTML 47Page - SMSC Corporation LPC47M112 Datasheet HTML 48Page - SMSC Corporation LPC47M112 Datasheet HTML 49Page - SMSC Corporation LPC47M112 Datasheet HTML 50Page - SMSC Corporation LPC47M112 Datasheet HTML 51Page - SMSC Corporation LPC47M112 Datasheet HTML 52Page - SMSC Corporation LPC47M112 Datasheet HTML 53Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 208 page
background image
Enhanced Super I/O Controller with LPC Interface
Datasheet
SMSC DS – LPC47M112
Page 49
Rev. 02/02/2005
DATASHEET
READ A TRACK
DATA BUS
PHASE
R/W
D7
D6
D5
D4
D3
D2
D1
D0
REMARKS
Command
W
0
MFM
0
0
0
0
1
0
Command Codes
W
0
0
0
0
0
HDS
DS1
DS0
W
──────── C ────────
Sector ID information
prior to Command
execution.
W
──────── H ────────
W
──────── R ────────
W
──────── N ────────
W
─────── EOT ───────
W
─────── GPL ───────
W
─────── DTL ───────
Execution
Data transfer between
the FDD and system.
FDC
reads
all
of
cylinders' contents from
index hole to EOT.
Result
R
─────── ST0 ───────
Status information after
Command execution.
R
─────── ST1 ───────
R
─────── ST2 ───────
R
──────── C ────────
Sector ID information
after Command
execution.
R
──────── H ────────
R
──────── R ────────
R
──────── N ────────
VERIFY
DATA BUS
PHASE
R/W
D7
D6
D5
D4
D3
D2
D1
D0
REMARKS
Command
W
MT MFM SK
1
0
1
1
0
Command Codes
W
EC
0
0
0
0
HDS
DS1
DS0
W
──────── C ────────
Sector ID
information
prior
to
Command
execution.
W
──────── H ────────
W
──────── R ────────
W
──────── N ────────
W
─────── EOT ───────
W
─────── GPL ───────
W
────── DTL/SC ──────
Execution
No data transfer takes
place.
Result
R
─────── ST0 ───────
Status information after
Command execution.
R
─────── ST1 ───────
R
─────── ST2 ───────
R
──────── C ────────
Sector ID
information
after
Command


Similar Part No. - LPC47M112

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LPC47M112 SMSC-LPC47M112 Datasheet
1Mb / 204P
   Enhanced Super I/O Controller with LPC Interface
LPC47M112-MC SMSC-LPC47M112-MC Datasheet
1Mb / 193P
   ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
LPC47M112-MC SMSC-LPC47M112-MC Datasheet
1Mb / 204P
   Enhanced Super I/O Controller with LPC Interface
LPC47M112-MW SMSC-LPC47M112-MW Datasheet
1Mb / 204P
   Enhanced Super I/O Controller with LPC Interface
LPC47M112 SMSC-LPC47M112_07 Datasheet
1Mb / 204P
   Enhanced Super I/O Controller with LPC Interface
More results

Similar Description - LPC47M112

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LPC47M112-MC SMSC-LPC47M112-MC Datasheet
1Mb / 193P
   ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
LPC47M112 SMSC-LPC47M112_07 Datasheet
1Mb / 204P
   Enhanced Super I/O Controller with LPC Interface
LPC47B27X SMSC-LPC47B27X Datasheet
1Mb / 196P
   100 PIN ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
LPC47B272 SMSC-LPC47B272 Datasheet
1Mb / 195P
   100 Pin Enhanced Super I/O Controller with LPC Interface
LPC47S422 SMSC-LPC47S422 Datasheet
79Kb / 4P
   Enhanced Super I/O with LPC Interface for Server Applications
LPC47S42X SMSC-LPC47S42X Datasheet
1Mb / 264P
   ENHANCED SUPER I/O WITH LPC INTERFACE FOR SERVER APPLICATIONS
LPC47M10X SMSC-LPC47M10X_07 Datasheet
1Mb / 188P
   100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications
LPC47M10X SMSC-LPC47M10X Datasheet
244Kb / 5P
   100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications
LPC47N217N SMSC-LPC47N217N Datasheet
410Kb / 5P
   56-Pin Super I/O with LPC Interface
LPC47B34X SMSC-LPC47B34X Datasheet
645Kb / 250P
   128 Pin Enhanced Super I/O with LPC Interface for Consumer Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com