Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IP4787CZ32 Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # IP4787CZ32
Description  DVI and HDMI interface ESD protection, DDC/CEC buffering, hot plug handling and backdrive protection
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

IP4787CZ32 Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button IP4787CZ32 Datasheet HTML 6Page - Nexperia B.V. All rights reserved IP4787CZ32 Datasheet HTML 7Page - Nexperia B.V. All rights reserved IP4787CZ32 Datasheet HTML 8Page - Nexperia B.V. All rights reserved IP4787CZ32 Datasheet HTML 9Page - Nexperia B.V. All rights reserved IP4787CZ32 Datasheet HTML 10Page - Nexperia B.V. All rights reserved IP4787CZ32 Datasheet HTML 11Page - Nexperia B.V. All rights reserved IP4787CZ32 Datasheet HTML 12Page - Nexperia B.V. All rights reserved IP4787CZ32 Datasheet HTML 13Page - Nexperia B.V. All rights reserved IP4787CZ32 Datasheet HTML 14Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
IP4787CZ32
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
IP4787CZ32
Rev. 3 — 19 December 2014
9 of 35
NXP Semiconductors
IP4787CZ32
DVI and HDMI interface ESD and overcurrent protection
CIO
input/output capacitance
VCC(5V0) =0V;
VCC(SYS) =0V;
Vbias =2.5 V;
AC input = 3.5 V(p-p);
f=100kHz
[2] -6.0
8.0
pF
Rpu
pull-up resistance
3.2
3.65
4.1
k
CEC_CON[1]
VIH
HIGH-level input voltage
2.0
-
-
V
VIL
LOW-level input voltage
-
-
0.80
V
VOH
HIGH-level output voltage
2.88
3.3
3.63
V
VOL
LOW-level output voltage
IOL = 1.5 mA
-
100
200
mV
CIO
input/output capacitance
VCC(5V0) =0V;
VCC(SYS) =0V;
Vbias = 1.65 V;
AC input = 2.5 V(p-p);
f=100kHz
[2] -8.0
10
pF
Rpu
pull-up resistance
23.4
26.0
28.6
k
Ileak(CEC)
CEC leakage current
VCC(5V0) =0V;
VCC(SYS) =0V;
CEC_CON connected
to 3.63 V via 27 k
--
0.1
µA
CEC_SYS[1][4]
VIH
HIGH-level input voltage
VCC(SYS) =1.2 V
310
-
-
mV
VCC(SYS) =1.8 V
450
-
-
mV
VCC(SYS) =2.5 V
620
-
-
mV
VCC(SYS) =3.3 V
760
-
-
mV
VIL
LOW-level input voltage
VCC(SYS) = 1.2 V
-
-
240
mV
VCC(SYS) = 1.8 V
-
-
330
mV
VCC(SYS) = 2.5 V
-
-
370
mV
VCC(SYS) = 3.3 V
-
-
390
mV
VOH
HIGH-level output voltage
[2] 0.8
 V
CC(SYS)
-VCC(SYS) +0.02 V
VOL
LOW-level output voltage
VCC(SYS) = 1.2 V
-
330
340
mV
VCC(SYS) = 1.8 V
-
490
500
mV
VCC(SYS) = 2.5 V
-
640
690
mV
VCC(SYS) = 3.3 V
-
675
770
mV
CIO
input/output capacitance
VCC(5V0) =0V;
VCC(SYS) =0V;
Vbias = 1.65 V;
AC input = 2.5 V(p-p);
f=100kHz
[2] -6.0
7.0
pF
Rpu
pull-up resistance
8.5
10
11.5
k
Table 7.
Static characteristics …continued
Tamb = 25 C to +85 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Similar Part No. - IP4787CZ32

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4786CZ32 NXP-IP4786CZ32 Datasheet
1Mb / 35P
   DVI and HDMI interface ESD and overcurrent protection, DDC/CEC buffering, hot plug
Rev. 1-15 April 2011
logo
Nexperia B.V. All right...
IP4786CZ32S NEXPERIA-IP4786CZ32S Datasheet
1Mb / 36P
   DVI and HDMI interface ESD and overcurrent protection, DDC/CEC buffering, hot plug detect and backdrive protection
logo
NXP Semiconductors
IP4788CZ32 NXP-IP4788CZ32 Datasheet
1Mb / 33P
   DVI and HDMI interface ESD and overcurrent protection, DDC/CEC buffering, hot plug detect and backdrive protection
Rev. 2-24 November 2014
IP4788CZ32 NXP-IP4788CZ32_14 Datasheet
1Mb / 33P
   DVI and HDMI interface ESD and overcurrent protection, DDC/CEC buffering, hot plug detect and backdrive protection
Rev. 2-24 November 2014
More results

Similar Description - IP4787CZ32

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
IP4786CZ32S NEXPERIA-IP4786CZ32S Datasheet
1Mb / 36P
   DVI and HDMI interface ESD and overcurrent protection, DDC/CEC buffering, hot plug detect and backdrive protection
logo
NXP Semiconductors
IP4788CZ32 NXP-IP4788CZ32_14 Datasheet
1Mb / 33P
   DVI and HDMI interface ESD and overcurrent protection, DDC/CEC buffering, hot plug detect and backdrive protection
Rev. 2-24 November 2014
IP4777CZ38 PHILIPS-IP4777CZ38 Datasheet
129Kb / 25P
   DVI and HDMI interface ESD protection, DDC buffering, hot plug control and backdrive protection
Rev. 02-12 February 2009
IP4786CZ32 NXP-IP4786CZ32 Datasheet
1Mb / 35P
   DVI and HDMI interface ESD and overcurrent protection, DDC/CEC buffering, hot plug
Rev. 1-15 April 2011
IP4778CZ38 NXP-IP4778CZ38 Datasheet
153Kb / 26P
   HDMI ESD protection, DDC buffering and hot plug control
Rev. 02-12 February 2009
IP4791CZ12 NXP-IP4791CZ12_11 Datasheet
154Kb / 17P
   HDMI ESD protection, level shifter and backdrive protection
Rev. 3-7 January 2011
IP4776CZ38 NXP-IP4776CZ38 Datasheet
114Kb / 13P
   Fully integrated HDMI interface with level shifter, ESD and backdrive protection
Rev. 04-12 June 2007
IP4776CZ38 NXP-IP4776CZ38_11 Datasheet
167Kb / 15P
   Fully integrated HDMI interface with level shifter, ESD and backdrive protection
Rev. 6-7 January 2011
IP4776CZ38 PHILIPS-IP4776CZ38 Datasheet
104Kb / 13P
   Fully integrated HDMI interface with level shifter, ESD and backdrive protection
Rev. 02-18 September 2006
logo
Analog Devices
AD8192 AD-AD8192 Datasheet
975Kb / 28P
   2:1 HDMI/DVI Switch with Equalization and DDC/CEC Buffers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com