Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IP4787CZ32 Datasheet(PDF) 28 Page - Nexperia B.V. All rights reserved

Part # IP4787CZ32
Description  DVI and HDMI interface ESD protection, DDC/CEC buffering, hot plug handling and backdrive protection
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

IP4787CZ32 Datasheet(HTML) 28 Page - Nexperia B.V. All rights reserved

Back Button IP4787CZ32 Datasheet HTML 24Page - Nexperia B.V. All rights reserved IP4787CZ32 Datasheet HTML 25Page - Nexperia B.V. All rights reserved IP4787CZ32 Datasheet HTML 26Page - Nexperia B.V. All rights reserved IP4787CZ32 Datasheet HTML 27Page - Nexperia B.V. All rights reserved IP4787CZ32 Datasheet HTML 28Page - Nexperia B.V. All rights reserved IP4787CZ32 Datasheet HTML 29Page - Nexperia B.V. All rights reserved IP4787CZ32 Datasheet HTML 30Page - Nexperia B.V. All rights reserved IP4787CZ32 Datasheet HTML 31Page - Nexperia B.V. All rights reserved IP4787CZ32 Datasheet HTML 32Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
IP4787CZ32
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
IP4787CZ32
Rev. 3 — 19 December 2014
27 of 35
NXP Semiconductors
IP4787CZ32
DVI and HDMI interface ESD and overcurrent protection
9.12 Typical application
The IP4787CZ32 is designed to simplify routing to the HDMI connector, and ease the
incorporation of high-level ESD protection into delicately balanced high-speed
TMDS lines. These lines rely on tightly controlled microstrip or stripline transmission lines
with minimal impedance discontinuities, which can deteriorate return loss, increase
deterministic jitter and generally erode overall link signal integrity.
Normally, when designing a PCB with standard shunt ESD clamps, careful consideration
must be given to manual pre-compensation of the additional load of the added
ESD component. With the IP4787CZ32 TLCs, the ESD suppressor is designed to
maintain the characteristic impedance of the PCB microstrip or stripline. Therefore the
designer has to be concerned only with the standard-controlled impedance of the
unloaded PCB lines. This simplifies the task of the PCB designer, and minimizes the
tuning cycles, which are sometimes required when pre-compensation misses the mark.
A basic application diagram for the ESD protection of an HDMI interface is shown in
Figure 29 for a type-A HDMI connector.
The optimized HVQFN32 pinning simplifies the PCB design to keep the ESD protection
close to the connector where it can minimize the coupling of the ESD pulse onto other
lines in the system during a strike.
Due to the integrated pull-up and pull-down resistors, only two external capacitors are
required to implement a fully compliant HDMI port.
Fig 29. Application of the IP4787CZ32 showing optimized HDMI type-A connector routing


Similar Part No. - IP4787CZ32

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4786CZ32 NXP-IP4786CZ32 Datasheet
1Mb / 35P
   DVI and HDMI interface ESD and overcurrent protection, DDC/CEC buffering, hot plug
Rev. 1-15 April 2011
logo
Nexperia B.V. All right...
IP4786CZ32S NEXPERIA-IP4786CZ32S Datasheet
1Mb / 36P
   DVI and HDMI interface ESD and overcurrent protection, DDC/CEC buffering, hot plug detect and backdrive protection
logo
NXP Semiconductors
IP4788CZ32 NXP-IP4788CZ32 Datasheet
1Mb / 33P
   DVI and HDMI interface ESD and overcurrent protection, DDC/CEC buffering, hot plug detect and backdrive protection
Rev. 2-24 November 2014
IP4788CZ32 NXP-IP4788CZ32_14 Datasheet
1Mb / 33P
   DVI and HDMI interface ESD and overcurrent protection, DDC/CEC buffering, hot plug detect and backdrive protection
Rev. 2-24 November 2014
More results

Similar Description - IP4787CZ32

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
IP4786CZ32S NEXPERIA-IP4786CZ32S Datasheet
1Mb / 36P
   DVI and HDMI interface ESD and overcurrent protection, DDC/CEC buffering, hot plug detect and backdrive protection
logo
NXP Semiconductors
IP4788CZ32 NXP-IP4788CZ32_14 Datasheet
1Mb / 33P
   DVI and HDMI interface ESD and overcurrent protection, DDC/CEC buffering, hot plug detect and backdrive protection
Rev. 2-24 November 2014
IP4777CZ38 PHILIPS-IP4777CZ38 Datasheet
129Kb / 25P
   DVI and HDMI interface ESD protection, DDC buffering, hot plug control and backdrive protection
Rev. 02-12 February 2009
IP4786CZ32 NXP-IP4786CZ32 Datasheet
1Mb / 35P
   DVI and HDMI interface ESD and overcurrent protection, DDC/CEC buffering, hot plug
Rev. 1-15 April 2011
IP4778CZ38 NXP-IP4778CZ38 Datasheet
153Kb / 26P
   HDMI ESD protection, DDC buffering and hot plug control
Rev. 02-12 February 2009
IP4791CZ12 NXP-IP4791CZ12_11 Datasheet
154Kb / 17P
   HDMI ESD protection, level shifter and backdrive protection
Rev. 3-7 January 2011
IP4776CZ38 NXP-IP4776CZ38 Datasheet
114Kb / 13P
   Fully integrated HDMI interface with level shifter, ESD and backdrive protection
Rev. 04-12 June 2007
IP4776CZ38 NXP-IP4776CZ38_11 Datasheet
167Kb / 15P
   Fully integrated HDMI interface with level shifter, ESD and backdrive protection
Rev. 6-7 January 2011
IP4776CZ38 PHILIPS-IP4776CZ38 Datasheet
104Kb / 13P
   Fully integrated HDMI interface with level shifter, ESD and backdrive protection
Rev. 02-18 September 2006
logo
Analog Devices
AD8192 AD-AD8192 Datasheet
975Kb / 28P
   2:1 HDMI/DVI Switch with Equalization and DDC/CEC Buffers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com