Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IP4252CZ8-4-TTL Datasheet(PDF) 14 Page - Nexperia B.V. All rights reserved

Part # IP4252CZ8-4-TTL
Description  Integrated 4-, 6- and 8-channel passive filter network with ESD protection
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

IP4252CZ8-4-TTL Datasheet(HTML) 14 Page - Nexperia B.V. All rights reserved

Back Button IP4252CZ8-4-TTL Datasheet HTML 10Page - Nexperia B.V. All rights reserved IP4252CZ8-4-TTL Datasheet HTML 11Page - Nexperia B.V. All rights reserved IP4252CZ8-4-TTL Datasheet HTML 12Page - Nexperia B.V. All rights reserved IP4252CZ8-4-TTL Datasheet HTML 13Page - Nexperia B.V. All rights reserved IP4252CZ8-4-TTL Datasheet HTML 14Page - Nexperia B.V. All rights reserved IP4252CZ8-4-TTL Datasheet HTML 15Page - Nexperia B.V. All rights reserved IP4252CZ8-4-TTL Datasheet HTML 16Page - Nexperia B.V. All rights reserved IP4252CZ8-4-TTL Datasheet HTML 17Page - Nexperia B.V. All rights reserved IP4252CZ8-4-TTL Datasheet HTML 18Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
© Nexperia B.V. 2017. All rights reserved
IP4251_52_53_54-TTL
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 2 — 5 May 2011
14 of 18
Nexperia
IP4251/52/53/54-TTL
Integrated 4-, 6- and 8-channel passive filter network
Fig 11. Package outline SOT1168-1 (HUSON16)
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1168-1
- - -
- - -
- - -
sot1168-1_po
10-03-18
10-03-22
Unit(1)
mm
max
nom
min
0.55
0.05
0.00
0.25
0.20
0.15
3.4
3.3
3.2
2.9
2.8
2.7
1.45
1.35
1.25
0.4
2.8
0.30
0.25
0.20
0.05
A
Dimensions
Note
1. Plastic or metal protrusions of 0.075 mm maximum per side are not included.
HUSON16: plastic, thermal enhanced ultra thin small outline package; no leads;
16 terminals; body 1.35 x 3.3 x 0.55 mm
SOT1168-1
A1
c
0.127
bD
Dh
EEh
0.45
0.40
0.35
ee1
k
0.2
Lv
0.1
w
0.05
y
0.05
y1
0
1
2 mm
scale
X
C
y
C
y1
tiebars are indicated on
arbitrary location and size
detail X
A
A1
c
terminal 1
index area
B
A
D
E
b
terminal 1
index area
e1
e
A
C
B
v
C
w
L
k
Eh
Dh
1
16
8
9


Similar Part No. - IP4252CZ8-4-TTL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4252CZ8-4-TTL PHILIPS-IP4252CZ8-4-TTL Datasheet
327Kb / 18P
   Integrated 4-, 6- and 8-channel passive filter network with ESD protection
Rev. 2-5 May 2011
More results

Similar Description - IP4252CZ8-4-TTL

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PEMIXCSP NEXPERIA-PEMIXCSP Datasheet
250Kb / 17P
   Integrated 4-, 6- and 8-channel passive filter network with ESD protection
logo
NXP Semiconductors
IP4252CZ12-6-TTL PHILIPS-IP4252CZ12-6-TTL Datasheet
327Kb / 18P
   Integrated 4-, 6- and 8-channel passive filter network with ESD protection
Rev. 2-5 May 2011
logo
Nexperia B.V. All right...
PEMIXQFN NEXPERIA-PEMIXQFN Datasheet
1Mb / 30P
   Integrated 1-, 2-, 4-, 6- and 8-channel passive filter network with ESD protection
logo
NXP Semiconductors
IP3253CZ16-8-TTL NXP-IP3253CZ16-8-TTL Datasheet
362Kb / 13P
   Integrated 4-, 6- and 8-channel passive EMI-filter network with high-level ESD protection
Rev. 1-5 May 2011
logo
Nexperia B.V. All right...
IP4047CX6 NEXPERIA-IP4047CX6 Datasheet
329Kb / 12P
   Dual channel integrated passive filter network with ESD protection
logo
NXP Semiconductors
IP4253CZ8 NXP-IP4253CZ8 Datasheet
59Kb / 10P
   Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4
Rev. 02-8 November 2007
IP4251 NXP-IP4251 Datasheet
100Kb / 16P
   Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4
Rev. 03-6 May 2009
IP3088CX5 NXP-IP3088CX5 Datasheet
292Kb / 15P
   Integrated 2, 4, 6 and 8-channel passive LC-filter network with ESD protection to IEC 61000-4-2 level 4
Rev. 01-12 February 2010
logo
Nexperia B.V. All right...
IP4256CZ3-M NEXPERIA-IP4256CZ3-M Datasheet
862Kb / 13P
   Single and dual-channel passive filter network with ESD protection
Rev. 1 - 23 July 2010
logo
NXP Semiconductors
IP4256CZ3-M NXP-IP4256CZ3-M_13 Datasheet
265Kb / 13P
   Single and dual-channel passive filter network with ESD protection
Rev. 1-23 July 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com