Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN2534 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FAN2534
Description  150 mA CMOS LDO Regulator with Fast Start, Enable
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2534 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN2534 Datasheet HTML 2Page - Fairchild Semiconductor FAN2534 Datasheet HTML 3Page - Fairchild Semiconductor FAN2534 Datasheet HTML 4Page - Fairchild Semiconductor FAN2534 Datasheet HTML 5Page - Fairchild Semiconductor FAN2534 Datasheet HTML 6Page - Fairchild Semiconductor FAN2534 Datasheet HTML 7Page - Fairchild Semiconductor FAN2534 Datasheet HTML 8Page - Fairchild Semiconductor FAN2534 Datasheet HTML 9Page - Fairchild Semiconductor FAN2534 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
FAN2534/FAN2535
PRODUCT SPECIFICATION
6
REV. 1.0.2 8/26/03
Control Functions
Enable Pin
Connecting 2.0V or greater to the Enable pin will enable the
output, while 0.4V or less will disable it while reducing the
quiescent current consumption to less than 1µA. If this
shutdown function is not needed, the pin can simply be
connected permanently to the VIN pin. Allowing this pin
to float will cause erratic operation.
Error Flag (FAN2535-XX Only)
Fault conditions such as input voltage dropout
(low VIN), overheating, or overloading (excessive output
current), will set an error flag: The ERR pin which is an
open-drain output, will go LOW when VOUT is less than
95% or the specified output voltage. When the voltage at
VOUT is greater than 95% of the specified output voltage,
the ERR pin is HIGH. A logic pullup resistor of 100K Ohm
is recommended at this output. The pin can be left discon-
nected if unused.
Thermal Protection
The FAN2534/FAN2535 is designed to supply high peak
output currents for brief periods, however sustained exces-
sive output load at high input - output voltage difference
will cause the device temperature to increase and exceed
maximum ratings due to power dissipation. During output
overload conditions, when the die temperature exceeds the
shutdown limit temperature of 155°C, an onboard thermal
protection will disable the output until the temperature drops
approximately 15°C below the limit, at which point the
output is re-enabled. During a thermal shutdown situation
the user may assert the power-down function at the Enable
pin, reducing power consumption to a minimum.
Thermal Characteristics
The FAN2534/FAN2535 is designed to supply 150mA at
the specified output voltage with an operating die (junction)
temperature of up to 125°C. Once the power dissipation and
thermal resistance is known, the maximum junction tempera-
ture of the device can be calculated. While the power dissipa-
tion is calculated from known electrical parameters, the
actual thermal resistance depends on the thermal characteris-
tics of the SOT23-5 surface-mount package and the
surrounding PC Board copper to which it is mounted.
The power dissipation is equal to the product of the input-to-
output voltage differential and the output current plus the
ground current multiplied by the input voltage, or:
The ground pin current IGND can be found in the charts
provided in the Electrical Characteristics section.
The relationship describing the thermal behavior of the
package is:
where TJ(max) is the maximum allowable junction tempera-
ture of the die, which is 125°C, and TA is the ambient operat-
ing temperature.
θJA is dependent on the surrounding PC
board layout and can be empirically obtained. While the
θJC
(junction-to-case) of the SOT23-5 package is specified at
130°C /W, the
θJA of the minimum PWB footprint will be at
least 235°C /W. This can be improved upon by providing a
heat sink of surrounding copper ground on the PWB.
Depending on the size of the copper area, the resulting
θJA
can range from approximately 180°C /W for one square inch
to nearly 130°C /W for 4 square inches. The addition of
backside copper with through-holes, stiffeners, and other
enhancements can also aid in reducing thermal resistance.
The heat contributed by the dissipation of other devices
located nearby must be included in the design consider-
ations. Once the limiting parameters in these two relation-
ships have been determined, the design can be modified to
ensure that the device remains within specified operating
conditions. If overload conditions are not considered, it is
possible for the device to enter a thermal cycling loop, in
which the circuit enters a shutdown condition, cools, re-
enables, and then again overheats and shuts down repeatedly
due to an unmanaged fault condition.
Adjustable Version
The FAN2534 adjustable version includes an input pin ADJ
which allows the user to select an output voltage ranging
from 2.5V to near VIN, using an external resistor divider. The
voltage VADJ presented to the ADJ pin is fed to the onboard
error amplifier which adjusts the output voltage until VADJ is
equal to the onboard bandgap reference voltage of
1.00V(typ). The equation is:
Since the bandgap reference voltage is trimmed, 1% initial
accuracy can be achieved. The total value of the resistor
chain should not exceed 250K Ohm total to keep the error
amplifier biased during no-load conditions. Programming
output voltages very near VIN need to allow for the magni-
tude and variation of the dropout voltage VDO over load,
supply, and temperature variations. Note that the low-leak-
age FET input to the CMOS Error Amplifier induces no bias
current error to the calculation.
P
D
V
IN
V
OUT
()I
OUT
V
INIGND
+
=
P
D max
()
T
J max
() TA
θ
JA
-------------------------------



=
V
OUT
1.00V
1
R
upper
R
lower
----------------
+
×
=


Similar Part No. - FAN2534

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2500 FAIRCHILD-FAN2500 Datasheet
251Kb / 10P
   100 mA CMOS LDO Regulators
FAN2500 FAIRCHILD-FAN2500 Datasheet
499Kb / 10P
   100 mA CMOS LDO Regulators
logo
ON Semiconductor
FAN2500 ONSEMI-FAN2500 Datasheet
890Kb / 14P
   100 mA CMOS LDO Regulator
May 2013 Rev. 1.1.0
logo
Fairchild Semiconductor
FAN2500S25X FAIRCHILD-FAN2500S25X Datasheet
251Kb / 10P
   100 mA CMOS LDO Regulators
FAN2500S25X FAIRCHILD-FAN2500S25X Datasheet
499Kb / 10P
   100 mA CMOS LDO Regulators
More results

Similar Description - FAN2534

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2512 FAIRCHILD-FAN2512 Datasheet
295Kb / 10P
   150 mA CMOS LDO Regulators with Fast Start Enable
FAN2512 FAIRCHILD-FAN2512_10 Datasheet
305Kb / 10P
   150 mA CMOS LDO Regulators with Fast Start Enable
FAN2510 FAIRCHILD-FAN2510 Datasheet
248Kb / 10P
   100 mA CMOS LDO Regulators with Fast Start Enable
FAN2518 FAIRCHILD-FAN2518 Datasheet
246Kb / 10P
   50 mA CMOS LDO Regulators with Fast Start Enable
FAN2514 FAIRCHILD-FAN2514 Datasheet
253Kb / 10P
   200 mA CMOS LDO Regulators with Fast Start Enable
logo
ON Semiconductor
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
   Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
FAN2512 ONSEMI-FAN2512 Datasheet
431Kb / 12P
   CMOS LDO Regulators with Fast Start Enable
REV. 1.2.0 01/10/13
FAN2510 ONSEMI-FAN2510 Datasheet
944Kb / 14P
   CMOS LDO Regulators with Fast Start Enable
Rev. 1.1.0
NCP583 ONSEMI-NCP583 Datasheet
71Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
April, 2006 ??Rev. 5
NCP583 ONSEMI-NCP583_07 Datasheet
72Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
February, 2007 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com