Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVCH16245ADGG-Q100 Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # 74LVCH16245ADGG-Q100
Description  16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVCH16245ADGG-Q100 Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  74LVCH16245ADGG-Q100 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVCH16245ADGG-Q100 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVCH16245ADGG-Q100 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVCH16245ADGG-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVCH16245ADGG-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVCH16245ADGG-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVCH16245ADGG-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVCH16245ADGG-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVCH16245ADGG-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Nexperia
74LVC16245A-Q100;
74LVCH16245A-Q100
16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
G3
G6
3EN1[BA]
6EN4[BA]
3EN2[AB]
6EN5[AB]
1A0
2A1
2A0
2A2
2A3
2A4
2A5
2A6
2A7
2B1
2B2
2B3
2B4
2B5
2B6
2B7
1OE
1DIR
001aaa790
1A1
1A2
1A3
1A4
1A5
1A6
1A7
1B0
2B0
1B1
1B2
1B3
1B4
1B5
1B6
1B7
5
4
2
1
2OE
2DIR
Fig. 2. IEC logic symbol
to internal circuit
mna705
VCC
data input
Fig. 3. Bus hold circuit
74LVC_LVCH16245A_Q100
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Product data sheet
Rev. 2 — 15 February 2019
3 / 14


Similar Part No. - 74LVCH16245ADGG-Q100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVCH16245ADGG PHILIPS-74LVCH16245ADGG Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5V tolerant 3-State
Rev. 08-6 November 2008
logo
Integrated Circuit Syst...
74LVCH16245ADGG ICST-74LVCH16245ADGG Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
logo
NXP Semiconductors
74LVCH16245ADGG PHILIPS-74LVCH16245ADGG Datasheet
122Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 08-6 November 2008
logo
Nexperia B.V. All right...
74LVCH16245ADGG NEXPERIA-74LVCH16245ADGG Datasheet
260Kb / 15P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 14 - 24 September 2021
logo
Texas Instruments
74LVCH16245ADGGRG4 TI-74LVCH16245ADGGRG4 Datasheet
464Kb / 17P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - 74LVCH16245ADGG-Q100

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
74LVC_LVCH16245A ICST-74LVC_LVCH16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
logo
Nexperia B.V. All right...
74LVCH16245A NEXPERIA-74LVCH16245A Datasheet
260Kb / 15P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 14 - 24 September 2021
logo
NXP Semiconductors
74LVC_LVCH16245A PHILIPS-74LVC_LVCH16245A_15 Datasheet
283Kb / 20P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 12-13 February 2012
74LVC16245A PHILIPS-74LVC16245A Datasheet
122Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 08-6 November 2008
74LVC32245A PHILIPS-74LVC32245A_15 Datasheet
162Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3-16 December 2011
74LVC32245A NXP-74LVC32245A Datasheet
88Kb / 12P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 01-20 August 2007
74LVCH32245A NXP-74LVCH32245A Datasheet
93Kb / 13P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 03-20 August 2007
74LVC32245A PHILIPS-74LVC32245A Datasheet
87Kb / 16P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
1999 Sep 01
74LVCH32245A PHILIPS-74LVCH32245A_15 Datasheet
175Kb / 15P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 5-15 December 2011
logo
Nexperia B.V. All right...
74LVC32245A NEXPERIA-74LVC32245A Datasheet
984Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3 - 16 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com