Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AXP1G86 Datasheet(PDF) 9 Page - Nexperia B.V. All rights reserved

Part # 74AXP1G86
Description  Low-power 2-input EXCLUSIVE-OR gate
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP1G86 Datasheet(HTML) 9 Page - Nexperia B.V. All rights reserved

Back Button 74AXP1G86 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AXP1G86 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AXP1G86 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP1G86 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP1G86 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74AXP1G86 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74AXP1G86 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74AXP1G86 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74AXP1G86 Datasheet HTML 13Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
© Nexperia B.V. 2017. All rights reserved
74AXP1G86
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 13 November 2015
9 of 17
Nexperia
74AXP1G86
Low-power 2-input EXCLUSIVE-OR gate
Test data is given in Table 10.
Definitions for test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to the output impedance Zo of the pulse generator.
VEXT = External voltage for measuring switching times.
Fig 13. Test circuit for measuring switching times
Table 10.
Test data
Supply voltage
Load
VEXT
VCC
CL
RL
tPLH, tPHL
tPZH, tPHZ
tPZL, tPLZ
0.75 V to 2.7 V
5 pF
10 k
0 V0 V2
 V
CC


Similar Part No. - 74AXP1G86

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AXP1G00 NEXPERIA-74AXP1G00 Datasheet
794Kb / 17P
   Low-power 2-input NAND gate
74AXP1G00GM NEXPERIA-74AXP1G00GM Datasheet
794Kb / 17P
   Low-power 2-input NAND gate
74AXP1G00GN NEXPERIA-74AXP1G00GN Datasheet
794Kb / 17P
   Low-power 2-input NAND gate
74AXP1G00GS NEXPERIA-74AXP1G00GS Datasheet
794Kb / 17P
   Low-power 2-input NAND gate
74AXP1G00GX NEXPERIA-74AXP1G00GX Datasheet
794Kb / 17P
   Low-power 2-input NAND gate
More results

Similar Description - 74AXP1G86

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G86 PHILIPS-74AUP1G86 Datasheet
67Kb / 17P
   Low-power 2-input EXCLUSIVE-OR gate
Rev. 02.00-16 May 2006
logo
Nexperia B.V. All right...
74AUP1G86-Q100 NEXPERIA-74AUP1G86-Q100 Datasheet
222Kb / 14P
   Low-power 2-input EXCLUSIVE-OR gate
74AUP1G86 NEXPERIA-74AUP1G86 Datasheet
274Kb / 18P
   Low-power 2-input EXCLUSIVE-OR gate
Rev. 8 - 24 January 2022
74AUP2G86 NEXPERIA-74AUP2G86 Datasheet
257Kb / 17P
   Low-power dual 2-input EXCLUSIVE-OR gate
Rev. 10 - 7 December 2020
logo
NXP Semiconductors
74AUP2G86 NXP-74AUP2G86 Datasheet
102Kb / 17P
   Low-power dual 2-input EXCLUSIVE-OR gate
Rev. 04-29 June 2009
74AUP2G86GN NXP-74AUP2G86GN Datasheet
214Kb / 21P
   Low-power dual 2-input EXCLUSIVE-OR gate
Rev. 7-14 June 2012
74HC1G86GW.125 NXP-74HC1G86GW.125 Datasheet
77Kb / 11P
   2-input EXCLUSIVE-OR gate
Rev. 04-20 July 2007
logo
Unisonic Technologies
U74AHCT1G86 UTC-U74AHCT1G86 Datasheet
101Kb / 4P
   2-INPUT EXCLUSIVE-OR GATE
logo
National Semiconductor ...
54F86DM NSC-54F86DM Datasheet
137Kb / 6P
   2-Input Exclusive-OR Gate
logo
NXP Semiconductors
74AHC1G86 PHILIPS-74AHC1G86 Datasheet
61Kb / 12P
   2-input EXCLUSIVE-OR gate
2002 Jun 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com